Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-D1019.MP6 Datasheet(PDF) 1 Page - QT Optoelectronics |
|
HLMP-D1019.MP6 Datasheet(HTML) 1 Page - QT Optoelectronics |
1 / 6 page .045 (1.14) .143 (3.63) + .029 MAX (0.74) .099 (2.52) .093 (2.36) .100 (2.54) .500 (12.70) .300 (7.62) .125 (3.18) DENOTES ANODE LEAD + .250 (6.35) .099 (2.52) .093 (2.36) + .250 (6.35) .135 MIN (3.43) .029 MAX (0.74) .125 (3.18) .080 DIA (2.03) .045 (1.14) .200 (5.08) .040 (1.02) .100 (2.54) + DENOTES ANODE LEAD DENOTES ANODE LEAD + .150 (3.81) .300 (7.62) .099 (2.52) .093 (2.36) .080 DIA (2.03) .045 (1.14) .250 (6.35) .029 MAX (0.74) .200 (5.08) .050 (1.27) .125 MIN (3.18) @ PKG. PART NUMBER COLOR VF mcd mA FIG. MV5000.MP1 RED 1.7 3.0 20 1 MV5300.MP1 YLW 2.1 2.0 20 1 MV5400.MP1 GRN 2.3 3.5 20 1 MV5000.MP2 RED 1.7 3.0 20 2 MV5300.MP2 YLW 2.1 2.0 20 2 MV5400.MP2 GRN 2.3 3.5 20 2 MV5000.MP3 RED 1.7 3.0 20 3 MV5300.MP3 YLW 2.1 2.0 20 3 MV5400.MP3 GRN 2.3 3.5 20 3 INTEGRAL RESISTOR MR5000.MP1 RED 5.0 .6 3 1 MR5010.MP1 RED 5.0 1.2 6 1 MR5020.MP1 RED 5.0 2.0 16 1 MR5310.MP1 YLW 5.0 .6 5 1 MR5410.MP1 GRN 5.0 .5 5 1 MR5000.MP2 RED 5.0 .6 3 2 MR5010.MP2 RED 5.0 1.2 6 2 MR5020.MP2 RED 5.0 2.0 16 2 MR5310.MP2 YLW 5.0 .6 5 2 MR5410.MP2 GRN 5.0 .5 5 2 MR5000.MP3 RED 5.0 .6 3 3 MR5010.MP3 RED 5.0 1.2 6 3 MR5020.MP3 RED 5.0 2.0 16 3 MR5310.MP3 YLW 5.0 .6 5 3 MR5410.MP3 GRN 5.0 .5 5 3 T-3/4 (Subminiature) PACKAGE DIMENSIONS PCB MOUNT LED INDICATORS Page 1 of 6 DESCRIPTION For right-angle and vertical viewing, the QT Optoelectronics LED circuit board indicators come in T-3/4, T-1 and T-1 3/4 lamp sizes, and in single, dual and multiple packages. The indicators are available in AIGaAs red, high-efficiency red, bright red, green, yellow, and bi-color at standard drive currents, as well as at 2 mA drive current. To reduce component cost and save space, 5 V and 12 V types are available with integrated resistors. The LEDs are packaged in a black plas- tic housing for optical contrast, and the housing meets UL94V-0 flammability specifications. FIG. - 1 FIG. - 2 FIG. - 3 GENERAL NOTES: 1. All dimensions are in inches (mm). 2. Tolerance is ± .015 (± .38) unless otherwise specified. 3. All electrical values are typical. 4. All parts have colored diffused lens except those with an asterik (*), which denotes colored clear lens. |
Número de pieza similar - HLMP-D1019.MP6 |
|
Descripción similar - HLMP-D1019.MP6 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |