Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7446630027 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7446630027
Descripción Electrónicos  CURRENT-COMPENSATED CHOKE WE-LF SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7446630027 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7446630027 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7446630027 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bezeichnung :
description :
Gehäuse / case: SH
A
18,5 max.
mm
B
23,3 max.
mm
C
11,5 max.
mm
D
10 ± 0,2
mm
E
5 ± 0,2
mm
F
19,6 ± 0,3
mm
G
2,1 ± 0,1
mm
H
0,4 typ.
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Leerlauf-Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Nennspannung /
rated voltage
33%
+25°C
1500 V, 50 Hz
5mA, 2 sec.
Name
Änderung / modification
Datum / date
WAYNE KERR WK3260B/WK3265 für/for L0 und/and RDC
UN
IN
Luftfeuchtigkeit / humidity:
A Mechanische Abmessungen / dimensions:
10 kHz / 0,1 mA / 20°C
Kunde / customer :
STROMKOMPENSIERTE DROSSEL WE-LF SMD
CURRENT-COMPENSATED CHOKE WE-LF SMD
Artikelnummer / part number :
7446630027
Klimabeständigkeit/ climatic class:
40/125/21
B Elektrische Eigenschaften / electrical properties:
250
50 Hz
mH
RDC
Kleber / glue:
Class F
Betriebstemp. / operating temperature:
-25°C - + 125°C
Übertemperatur / temperature rise:
< 55 K
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2008-08-20
±10%
A
Testbedingungen / test
conditions
0,40
1,20
±30%
C Lötpad / land pattern.:
http://www.we-online.com
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
..................................................................................
.............................................................
LO
27,00
D Prüfgeräte / test equipment:
E Testbedingungen / test conditions:
@ 20 °C
@ 70 °C
V
Prüfspannung / testing voltage
HP 34401 A für/for IN
Umgebungstemperatur / temperature:
Würth Elektronik
..................................................................................
G Eigenschaften / general specifications:
Sockel / base:
Draht / wire:
UL94V-0
F Werkstoffe & Zulassungen / material & approvals:
UL94V-2
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Freigabe erteilt / general release:
Kunde / customer
Abstandhalter / spacer:
UL94V-0
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
24,6
4
A
E
G
D
SEITE 1 VON 2


Número de pieza similar - 7446630027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7446630039 WURTH-7446630039 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446630047 WURTH-7446630047 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
More results

Descripción similar - 7446630027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7446631010 WURTH-7446631010 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
74466340007 WURTH-74466340007 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446631007 WURTH-7446631007 Datasheet
73Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446632001 WURTH-7446632001 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446630039 WURTH-7446630039 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446630047 WURTH-7446630047 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446632002 WURTH-7446632002 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446632003 WURTH-7446632003 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446222002 WURTH-7446222002 Datasheet
80Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446121007 WURTH-7446121007 Datasheet
87Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com