Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4053PWT Datasheet(PDF) 10 Page - Texas Instruments |
|
|
CD74HC4053PWT Datasheet(HTML) 10 Page - Texas Instruments |
10 / 30 page 10 Maximum Switch Turn “On” Delay from S or E to Switch Output tPZL, tPZH 4051 0 2 - 225 - - - 280 - - - 340 - - ns 0 4.5 - 45 - 55 - 56 - 69 - 68 - 83 ns 0 6 - 38 --- 48 --- 57 -- ns -4.5 4.5 - 32 - 39 - 40 - 49 - 48 - 59 ns 4052 0 2 - 325 - - - 405 - - - 490 - - ns 0 4.5 -65-70 -81-68 -98- 105 ns 0 6 - 55 --- 69 --- 83 -- ns -4.5 4.5 - 46 - 48 - 58 - 60 - 69 - 72 ns 4053 0 2 - 220 - - - 275 - - - 330 - - ns 0 4.5 -44-48 -55-60 -66-72 ns 0 6 - 37 --- 47 --- 56 -- ns -4.5 4.5 - 31 - 34 - 39 - 43 - 47 - 51 ns Input (Control) Capacitance, CI - - - 10 - 10 - 10 - 10 - 10 - 10 pF Analog Channel Specifications Typical Values at TA = 25oC PARAMETER TEST CONDITIONS HC/HCT TYPES VEE (V) VCC (V) HC/ HCT UNITS Switch Input Capacitance, CI All - - 5 pF Common Output Capacitance, CCOM 4051 - - 25 pF 4052 - - 12 pF 4053 - - 8 pF Minimum Switch Frequency Response at -3dB, fMAX (Figures 12, 14, 16) See Figure 3 (Notes 7, 8) 4051 -2.25 2.25 145 MHz 4052 165 MHz 4053 200 MHz 4051 -4.5 4.5 180 MHz 4052 185 MHz 4053 200 MHz Switching Specifications CL = 50pF, Input tr, tr = 6ns (Continued) PARAMETER VEE (V) VCC (V) AMBIENT TEMPERATURE, TA UNITS 25oC-40oC - 85oC-55oC - 125oC HC HCT HC HCT HC HCT MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX ’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053 ’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053 |
Número de pieza similar - CD74HC4053PWT |
|
Descripción similar - CD74HC4053PWT |