Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUP1G57DCKRG4 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza SN74AUP1G57DCKRG4
Descripción Electrónicos  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G57DCKRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP1G57DCKRG4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G57DCKRG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G57DCKRG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G57DCKRG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G57DCKRG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G57DCKRG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G57DCKRG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G57DCKRG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G57DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
3
1
6
In2
In1
In0
4
Y
SN74AUP1G57
SCES503I – NOVEMBER 2003 – REVISED MAY 2010
www.ti.com
NanoStar™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
TOP-SIDE
TA
PACKAGE(2)
ORDERABLE PART NUMBER
MARKING(3)
NanoStar™ – WCSP (DSBGA)
Reel of 3000
SN74AUP1G57YFPR
_ _ _HH_
0.23-mm Large Bump – YFP (Pb-free)
NanoStar™ – WCSP (DSBGA)
Reel of 3000
SN74AUP1G57YZPR
_ _ _HH_
0.23-mm Large Bump – YZP (Pb-free)
QFN – DRY
Reel of 5000
SN74AUP1G57DRYR
HH
–40°C to 85°C
uQFN – DSF
Reel of 5000
SN74AUP1G57DSFR
HH
SOT (SOT-23) – DBV
Reel of 3000
SN74AUP1G57DBVR
HA7_
SOT (SC-70) – DCK
Reel of 3000
SN74AUP1G57DCKR
HH_
SOT (SOT-553) – DRL
Reel of 4000
SN74AUP1G57DRLR
HH_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DCK/DRL/DRY/DSF: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YFP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
FUNCTION TABLE
INPUTS
OUTPUT
Y
In2
In1
In0
L
L
L
H
L
L
H
L
L
H
L
H
L
H
H
L
H
L
L
L
H
L
H
L
H
H
L
H
H
H
H
H
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G57


Número de pieza similar - SN74AUP1G57DCKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G57DCKRG4 TI-SN74AUP1G57DCKRG4 Datasheet
547Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57DCKRG4 TI1-SN74AUP1G57DCKRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
More results

Descripción similar - SN74AUP1G57DCKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com