Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G125DBVTG4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza 74AUP1G125DBVTG4
Descripción Electrónicos  LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74AUP1G125DBVTG4 Datasheet(HTML) 1 Page - Texas Instruments

  74AUP1G125DBVTG4 Datasheet HTML 1Page - Texas Instruments 74AUP1G125DBVTG4 Datasheet HTML 2Page - Texas Instruments 74AUP1G125DBVTG4 Datasheet HTML 3Page - Texas Instruments 74AUP1G125DBVTG4 Datasheet HTML 4Page - Texas Instruments 74AUP1G125DBVTG4 Datasheet HTML 5Page - Texas Instruments 74AUP1G125DBVTG4 Datasheet HTML 6Page - Texas Instruments 74AUP1G125DBVTG4 Datasheet HTML 7Page - Texas Instruments 74AUP1G125DBVTG4 Datasheet HTML 8Page - Texas Instruments 74AUP1G125DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
C
3
2
4
5
1
OE
VC
Y
A
GND
DBV PACKAGE
(TOP VIEW)
GND
A
N.C.
OE
6
5
4
2
3
Y
V
CC
1
DRY PACKAGE
(TOP VIEW)
3
2
4
5
1
OE
VCC
Y
A
GND
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
OE
VCC
Y
A
GND
DRL PACKAGE
(TOP VIEW)
GND
Y
3
4
A
2
5
OE
6
1
N.C.
V
CC
DSF PACKAGE
(TOP VIEW)
YZP PACKAGE
(TOP VIEW)
YFP PACKAGE
(
VIEW)
TOP
GND
OE
Y
V
CC
A
3
5
2
1
4
A1
B1
C1
A2
C2
GND
OE
Y
V
CC
A
3
6
2
1
4
5
DNU
A1
B1
C1
A2
B2
C2
SN74AUP1G125
www.ti.com
SCES595J – JULY 2004 – REVISED MARCH 2010
LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Check for Samples: SN74AUP1G125
1
FEATURES
Available in the Texas Instruments NanoStar™
Wide Operating VCC Range of 0.8 V to 3.6 V
Package
Optimized for 3.3-V Operation
Low Static-Power Consumption
3.6-V I/O Tolerant to Support Mixed-Mode
(ICC = 0.9 mA Max)
Signal Operation
Low Dynamic-Power Consumption
tpd = 4.6 ns Max at 3.3 V
(Cpd = 4 pF Typ at 3.3 V)
Suitable for Point-to-Point Applications
Low Input Capacitance (CI = 1.5 pF Typ)
Latch-Up Performance Exceeds 100 mA Per
Low Noise – Overshoot and Undershoot
JESD 78, Class II
<10% of VCC
ESD Performance Tested Per JESD 22
Input-Disable Feature Allows Floating Input
2000-V Human-Body Model
Conditions
(A114-B, Class II)
Ioff Supports Partial-Power-Down Mode
1000-V Charged-Device Model (C101)
Operation
Input Hysteresis Allows Slow Input Transition
and Better Switching Noise Immunity at Input
N.C. – No internal connection.
DNU – Do not use
See mechancial drawings for dimensions.
DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity (see
Figure 1 and Figure 2).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - 74AUP1G125DBVTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74AUP1G125DBVTG4 TI-74AUP1G125DBVTG4 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G125DBVTG4 TI1-74AUP1G125DBVTG4 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Descripción similar - 74AUP1G125DBVTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com