Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4052MTG4 Datasheet(PDF) 6 Page - Texas Instruments |
|
CD74HC4052MTG4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 30 page 6 Absolute Maximum Ratings (Note 2) Thermal Information DC Supply Voltage, VCC - VEE . . . . . . . . . . . . . . . . . -0.5V to 10.5V DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V DC Supply Voltage, VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.5V to -7V DC Input Diode Current, IIK For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA DC Switch Diode Current, IOK For VI < VEE -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . .±20mA DC Switch Current, (Note 2) For VI > VEE -0.5V or VI < VCC + 0.5V . . . . . . . . . . . . . . . . .±25mA DC VCC or Ground Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . .±50mA DC VEE Current, IEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20mA Package Thermal Impedance, θJA (see Note 1): E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .67oC/W M (SOIC) Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .73oC/W NS (SOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .64oC/W PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . .108oC/W Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC NOTE: 1. The package thermal impedance is calculated in accordance with JESD 51-7. Recommended Operating Conditions For maximum reliability, nominal operating conditions should be selected so that operation is always within the following ranges PARAMETER MIN MAX UNITS Supply Voltage Range (For TA = Full Package Temperature Range), VCC (Note 2) CD54/74HC Types 26 V CD54/74HCT Types 4.5 5.5 V Supply Voltage Range (For TA = Full Package Temperature Range), VCC - VEE CD54/74HC Types, CD54/74HCT Types (See Figure 1) 2 10 V Supply Voltage Range (For TA = Full Package Temperature Range), VEE (Note 3) CD54/74HC Types, CD54/74HCT Types (See Figure 2) 0 -6 V DC Input Control Voltage, VI GND VCC V Analog Switch I/O Voltage, VIS VEE VCC V Operating Temperature, TA -55 125 oC Input Rise and Fall Times, tr, tf 2V 0 1000 ns 4.5V 0 500 ns 6V 0 400 ns CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTES: 2. All voltages referenced to GND unless otherwise specified. . 3. In certain applications, the external load resistor current may include both VCC and signal line components. To avoid drawing VCC current when switch current flows into the transmission gate inputs, the voltage drop across the bidirectional switch must not exceed 0.6V (cal- culated from rON values shown in Electrical Specifications table). No VCC current will flow through RL if the switch current flows into terminal 3 on the HC/HCT4051; terminals 3 and 13 on the HC/HCT4052; terminals 4, 14 and 15 on the HC/HCT4053. Recommended Operating Area as a Function of Supply Voltages FIGURE 1. FIGURE 2. HCT VCC - VEE (V) 8 6 4 2 0 0 2468 10 12 HC HCT VEE - GND (V) 8 6 4 2 0 0-2 -4 -6 -8 HC ’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053 ’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053 |
Número de pieza similar - CD74HC4052MTG4 |
|
Descripción similar - CD74HC4052MTG4 |