Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVC4T245DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AVC4T245DR
Descripción Electrónicos  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC4T245DR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AVC4T245DR Datasheet HTML 1Page - Texas Instruments SN74AVC4T245DR Datasheet HTML 2Page - Texas Instruments SN74AVC4T245DR Datasheet HTML 3Page - Texas Instruments SN74AVC4T245DR Datasheet HTML 4Page - Texas Instruments SN74AVC4T245DR Datasheet HTML 5Page - Texas Instruments SN74AVC4T245DR Datasheet HTML 6Page - Texas Instruments SN74AVC4T245DR Datasheet HTML 7Page - Texas Instruments SN74AVC4T245DR Datasheet HTML 8Page - Texas Instruments SN74AVC4T245DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2)
SN74AVC4T245
4-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES576D – JUNE 2004 – REVISED SEPTEMBER 2007
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40
°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –100 μA
1.2 V to 3.6 V 1.2 V to 3.6 V
VCCO – 0.2
IOH = –3 mA
1.2 V
1.2 V
0.95
IOH = –6 mA
1.4 V
1.4 V
1.05
VOH
VI = VIH
V
IOH = –8 mA
1.65 V
1.65 V
1.2
IOH = –9 mA
2.3 V
2.3 V
1.75
IOH = –12 mA
3 V
3 V
2.3
IOL = 100 μA
1.2 V to 3.6 V 1.2 V to 3.6 V
0.2
IOL = 3 mA
1.2 V
1.2 V
0.25
IOL = 6 mA
1.4 V
1.4 V
0.35
VOL
VI = VIL
V
IOL = 8 mA
1.65 V
1.65 V
0.45
IOL = 9 mA
2.3 V
2.3 V
0.55
IOL = 12 mA
3 V
3 V
0.7
Control
II
VI = VCCA or GND
1.2 V to 3.6 V 1.2 V to 3.6 V
±0.025
±0.25
±1
μA
inputs
0 V
0 V to 3.6 V
±0.1
±1
±5
Ioff
A or B port VI or VO = 0 to 3.6 V
μA
0 V to 3.6 V
0 V
±0.1
±1
±5
VO = VCCO or GND,
IOZ
A or B port
3.6 V
3.6 V
±0.5
±2.5
±5
μA
VI = VCCI or GND, OE = VIH
1.2 V to 3.6 V 1.2 V to 3.6 V
8
ICCA
VI = VCCI or GND, IO = 0
0 V
0 V to 3.6 V
–2
μA
0 V to 3.6 V
0 V
8
1.2 V to 3.6 V 1.2 V to 3.6 V
8
ICCB
VI = VCCI or GND, IO = 0
0 V
0 V to 3.6 V
8
μA
0 V to 3.6 V
0 V
–2
ICCA + ICCB
VI = VCCI or GND, IO = 0
1.2 V to 3.6 V 1.2 V to 3.6 V
16
μA
Control
Ci
VI = 3.3 V or GND
3.3 V
3.3 V
3.5
4.5
pF
inputs
Cio
A or B port VO = 3.3 V or GND
3.3 V
3.3 V
6
7
pF
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AVC4T245


Número de pieza similar - SN74AVC4T245DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC4T245DR TI-SN74AVC4T245DR Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245DR TI-SN74AVC4T245DR Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245DR TI1-SN74AVC4T245DR Datasheet
1Mb / 35P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC4T245DR TI1-SN74AVC4T245DR Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC4T245DRE4 TI-SN74AVC4T245DRE4 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Descripción similar - SN74AVC4T245DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_08 Datasheet
881Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com