Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3906 Datasheet(PDF) 3 Page - Micro Commercial Components

No. de pieza 2N3906
Descripción Electrónicos  PNP General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N3906 Datasheet(HTML) 3 Page - Micro Commercial Components

  2N3906_08 Datasheet HTML 1Page - Micro Commercial Components 2N3906_08 Datasheet HTML 2Page - Micro Commercial Components 2N3906_08 Datasheet HTML 3Page - Micro Commercial Components 2N3906_08 Datasheet HTML 4Page - Micro Commercial Components 2N3906_08 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2N3906
f - (kHz)
Maximum Power Dissipation vs
Ambient Temperature
Noise Figure vs
Source Resistance
PD(MAX) - (mW)
TA - (
°C)
TO-92
SOT-23
0
200
400
600
800
0
50
100
150
200
NF - (dB)
RS - (k
Ω)
0
2
4
6
8
10
12
0.1
1.0
10
100
IC = 1.0mA
IC = 100
µA
VCE = 5.0V
f = 1.0kHz
Contours of Constant Gain
Bandwidth Product (fT)
Current Gain
VCE - (V)
IC - (mA)
hfe
IC - (mA)
VCE = 10V
f = 1.0kHz
0
4
8
12
16
20
24
0.1
1.0
10
100
10
100
1000
0.1
1.0
10
Noise Figure vs
Frequency
Switching Times vs
Collector Current
NF - (dB)
T - (ns)
IC - (mA)
1.0
10
100
1000
1.0
10
100
IB1 = IB2 = IC/10
ts
tf
tr
td
VCE = 5.0V
IC = 100
µA R
S = 200
IC = 1.0mA RS = 200
IC = 100
µA R
S = 2.0k
0.1
1.0
10
100
0
1
2
3
4
5
6
*100MHz increments from 100
to 700, 750 and 800MHz
Revision: 5
2008/02/01
TM
Micro Commercial Components
MCC
www.mccsemi.com
3 of 5


Número de pieza similar - 2N3906_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
logo
KEC(Korea Electronics)
2N3906 KEC-2N3906_02 Datasheet
56Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
ON Semiconductor
2N3906 ONSEMI-2N3906_07 Datasheet
81Kb / 7P
   General Purpose Transistors PNP Silicon
March, 2007 ??Rev. 3
More results

Descripción similar - 2N3906_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com