Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC33078DGKTG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
MC33078DGKTG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 22 page www.ti.com Electrical Characteristics Operating Characteristics MC33078 DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER SLLS633C – OCTOBER 2004 – REVISED NOVEMBER 2006 V CC– = –15 V, VCC+ = 15 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT TA = 25°C 0.15 2 VIO Input offset voltage VO = 0, RS = 10 Ω, VCM = 0 mV TA = –40°C to 85°C 3 Input offset voltage αV IO VO = 0, RS = 10 Ω, VCM = 0 TA = –40°C to 85°C 2 µV/°C temperature coefficient TA = 25°C 300 750 IIB Input bias current VO = 0, VCM = 0 nA TA = –40°C to 85°C 800 TA = 25°C 25 150 IIO Input offset current VO = 0, VCM = 0 nA TA = –40°C to 85°C 175 Common-mode input voltage VICR ∆V IO = 5 mV, VO = 0 ±13 ±14 V range TA = 25°C 90 110 Large-signal differential AVD RL ≥ 2 kΩ, VO = ±10 V dB voltage amplification TA = –40°C to 85°C 85 VOM+ 10.7 RL = 600 Ω VOM– –11.9 VOM+ 13.2 13.8 VOM Maximum output voltage swing VID = ±1 V RL = 2k Ω V VOM– –13.2 –13.7 VOM+ 13.5 14.1 RL = 10k Ω VOM– –14 –14.6 CMMR Common-mode rejection ratio VIN = ±13 V 80 100 dB kSVR(1) Supply-voltage rejection ratio VCC+ = 5 V to 15 V, VCC– = –5 V to –15 V 80 105 dB Source current 15 29 IOS Output short-circuit current |VID| = 1 V, Output to GND mA Sink current –20 –37 TA = 25°C 2.05 2.5 ICC Supply current (per channel) VO = 0 mA TA = –40°C to 85°C 2.75 (1) Measured with VCC± differentially varied at the same time V CC– = –15 V, VCC+ = 15 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SR Slew rate at unity gain AVD = 1, VIN = –10 V to 10 V, RL = 2 kΩ, CL = 100 pF 5 7 V/ µs GBW Gain bandwidth product f = 100 kHz 10 16 MHz B1 Unity gain frequency Open loop 9 MHz CL = 0 pF –11 Gm Gain margin RL = 2 kΩ dB CL = 100 pF –6 CL = 0 pF 55 Φ m Phase margin RL = 2 kΩ deg CL = 100 pF 40 Amp-to-amp isolation f = 20 Hz to 20 kHz –120 dB Power bandwidth VO = 27 V(PP), RL = 2 kΩ, THD ≤ 1% 120 kHz THD Total harmonic distortion VO = 3 Vrms, AVD = 1, RL = 2 kΩ, f = 20 Hz to 20 kHz 0.002 % zo Open-loop output impedance VO = 0, f = 9 MHz 37 Ω rid Differential input resistance VCM = 0 175 k Ω Cid Differential input capacitance VCM = 0 12 pF Vn Equivalent input noise voltage f = 1 kHz, RS = 100 Ω 4.5 nV/ √Hz In Equivalent input noise current f = 1 kHz 0.5 pA/ √Hz 3 Submit Documentation Feedback |
Número de pieza similar - MC33078DGKTG4 |
|
Descripción similar - MC33078DGKTG4 |