Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB1545CT Datasheet(PDF) 1 Page - Gulf Semiconductor

No. de pieza SB1545CT
Descripción Electrónicos  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GULFSEMI [Gulf Semiconductor]
Página de inicio  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB1545CT Datasheet(HTML) 1 Page - Gulf Semiconductor

  SB1545CT Datasheet HTML 1Page - Gulf Semiconductor SB1545CT Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SB1545CT
SCHOTTKY BARRIER
RECTIFIER
VOLTAGE: 45V
CURRENT: 15.0A
FEATURE
TO-220AC
High current capability, Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: Common Cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SB1545CT
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
45
V
Maximum RMS Voltage
Vrms
31.5
V
Maximum DC blocking Voltage
Vdc
45
V
Maximum Average Forward Rectified Current
at Tc=105°C
If(av)
15
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load per leg
Ifsm
150
A
Maximum Forward Voltage per leg and 25
°C
at 7.5A
Vf
0.84
V
Maximum Reverse Current per leg
Tj =25℃
at working peak reverse voltage
Tj =125℃
Ir
0.1
15.0
mA
Typical Thermal Resistance per leg
(Note 1)
Rth(jc)
3.0
℃/W
Operating Junction and
Storage Temperature Ramge
Tj
Tstg
-65 to +175
°C
Note:
1.Thermal Resistance from Junction to Case


Número de pieza similar - SB1545CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semikron International
SB1545 SEMIKRON-SB1545 Datasheet
161Kb / 3P
   Schottky barrier rectifier diodes
logo
Sirectifier Global Corp...
SB1545 SIRECT-SB1545 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 15Amp 45~200Volt
logo
Leshan Radio Company
SB1545 LRC-SB1545 Datasheet
356Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
logo
First Silicon Co., Ltd
SB1545 FS-SB1545 Datasheet
307Kb / 2P
   45V 15 Amp Shottky Barrier Rectifier
logo
Gulf Semiconductor
SB1545FCT GULFSEMI-SB1545FCT Datasheet
129Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
More results

Descripción similar - SB1545CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PACELEADER INDUSTRIAL
MBR1545PS PACELEADER-MBR1545PS Datasheet
390Kb / 1P
   15.0A SCHOTTKY BARRIER RECTIFIERS 45V
logo
Gulf Semiconductor
SB15100F GULFSEMI-SB15100F Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 15.0A
SB1645FCT GULFSEMI-SB1645FCT Datasheet
128Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 16.0A
SB345S GULFSEMI-SB345S Datasheet
105Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
SB2045FCT GULFSEMI-SB2045FCT Datasheet
115Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB1545FCT GULFSEMI-SB1545FCT Datasheet
129Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
SB2045CT GULFSEMI-SB2045CT Datasheet
115Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB1045CT GULFSEMI-SB1045CT Datasheet
106Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A
SB3045CT GULFSEMI-SB3045CT Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 30.0A
logo
Microdiode Electronics ...
SL1545 CHENDA-SL1545 Datasheet
2Mb / 2P
   15.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com