Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB20100CT-E Datasheet(PDF) 2 Page - Gulf Semiconductor

No. de pieza SB20100CT-E
Descripción Electrónicos  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GULFSEMI [Gulf Semiconductor]
Página de inicio  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB20100CT-E Datasheet(HTML) 2 Page - Gulf Semiconductor

  SB20100CT-E Datasheet HTML 1Page - Gulf Semiconductor SB20100CT-E Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB20100CT-E


Número de pieza similar - SB20100CT-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SB20100CT PANJIT-SB20100CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
logo
SUNMATE electronic Co.,...
SB20100CT SUNMATE-SB20100CT Datasheet
623Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB20100CT WTE-SB20100CT Datasheet
39Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SB20100CT MCC-SB20100CT Datasheet
380Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Won-Top Electronics
SB20100CT WTE-SB20100CT Datasheet
49Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
More results

Descripción similar - SB20100CT-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gulf Semiconductor
SB20100 GULFSEMI-SB20100 Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB20100FCT GULFSEMI-SB20100FCT Datasheet
126Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB20100CT GULFSEMI-SB20100CT Datasheet
125Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB20200FCT GULFSEMI-SB20200FCT Datasheet
130Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 20.0A
SB20150FCT GULFSEMI-SB20150FCT Datasheet
121Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
SB2060CT GULFSEMI-SB2060CT Datasheet
90Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 20.0A
SB20200CT GULFSEMI-SB20200CT Datasheet
127Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 20.0A
SB2045FCT GULFSEMI-SB2045FCT Datasheet
115Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB2060FCT GULFSEMI-SB2060FCT Datasheet
91Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 20.0A
SB2045CT GULFSEMI-SB2045CT Datasheet
115Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com