Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74HCT32DTG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
SN74HCT32DTG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 14 page SN74LVT245B 3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS SCES004H − JANUARY 1995 − REVISED SEPTEMBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Supports Mixed-Mode Signal Operation (5-V Input and Output Voltages With 3.3-V VCC) D Supports Unregulated Battery Operation Down to 2.7 V D Typical V OLP (Output Ground Bounce) <0.8 V at VCC = 3.3 V, TA = 25°C D I off and Power-Up 3-State Support Hot Insertion D Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II D ESD Protection Exceeds JESD 22 − 2000-V Human-Body Model (A114-A) − 200-V Machine Model (A115-A) − 1000-V Charged-Device Model (C101) DB, DW, NS, OR PW PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 DIR A1 A2 A3 A4 A5 A6 A7 A8 GND VCC OE B1 B2 B3 B4 B5 B6 B7 B8 RGY PACKAGE (TOP VIEW) 120 10 11 2 3 4 5 6 7 8 9 19 18 17 16 15 14 13 12 OE B1 B2 B3 B4 B5 B6 B7 A1 A2 A3 A4 A5 A6 A7 A8 description/ordering information This octal bus transceiver is designed specifically for low-voltage (3.3-V) VCC operation, but with the capability to provide a TTL interface to a 5-V system environment. The SN74LVT245B is designed for asynchronous communication between data buses. The device transmits data from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the direction-control (DIR) input. The output-enable (OE) input can be used to disable the device so the buses are effectively isolated. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING QFN − RGY Tape and reel SN74LVT245BRGYR LX245B SOIC DW Tube SN74LVT245BDW LVT245B SOIC − DW Tape and reel SN74LVT245BDWR LVT245B SOP − NS Tape and reel SN74LVT245BNSR LVT245B −40 °C to 85°C SSOP − DB Tape and reel SN74LVT245BDBR LX245B 40 C to 85 C TSSOP PW Tube SN74LVT245BPW LX245B TSSOP − PW Tape and reel SN74LVT245BPWR LX245B VFBGA − GQN Tape and reel SN74LVT245BGQNR LX245B VFBGA − ZQN (Pb-free) Tape and reel SN74LVT245BZQNR LX245B † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright © 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. |
Número de pieza similar - SN74HCT32DTG4 |
|
Descripción similar - SN74HCT32DTG4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |