Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM3S8733-IQN80-A2 Datasheet(PDF) 8 Page - Texas Instruments |
|
LM3S8733-IQN80-A2 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 616 page A.1 Serial Flash Loader ..................................................................................................... 587 A.2 Interfaces ................................................................................................................... 587 A.2.1 UART ......................................................................................................................... 587 A.2.2 SSI ............................................................................................................................. 587 A.3 Packet Handling .......................................................................................................... 588 A.3.1 Packet Format ............................................................................................................ 588 A.3.2 Sending Packets ......................................................................................................... 588 A.3.3 Receiving Packets ....................................................................................................... 588 A.4 Commands ................................................................................................................. 589 A.4.1 COMMAND_PING (0X20) ............................................................................................ 589 A.4.2 COMMAND_GET_STATUS (0x23) ............................................................................... 589 A.4.3 COMMAND_DOWNLOAD (0x21) ................................................................................. 589 A.4.4 COMMAND_SEND_DATA (0x24) ................................................................................. 590 A.4.5 COMMAND_RUN (0x22) ............................................................................................. 590 A.4.6 COMMAND_RESET (0x25) ......................................................................................... 590 B Register Quick Reference ................................................................................... 592 C Ordering and Contact Information ..................................................................... 610 C.1 Ordering Information .................................................................................................... 610 C.2 Part Markings .............................................................................................................. 610 C.3 Kits ............................................................................................................................. 611 C.4 Support Information ..................................................................................................... 611 D Package Information ............................................................................................ 612 June 22, 2010 8 Texas Instruments-Production Data Table of Contents |
Número de pieza similar - LM3S8733-IQN80-A2 |
|
Descripción similar - LM3S8733-IQN80-A2 |