Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22922B Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS22922B
Descripción Electrónicos  LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS22922B Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22922B Datasheet HTML 3Page - Texas Instruments TPS22922B Datasheet HTML 4Page - Texas Instruments TPS22922B Datasheet HTML 5Page - Texas Instruments TPS22922B Datasheet HTML 6Page - Texas Instruments TPS22922B Datasheet HTML 7Page - Texas Instruments TPS22922B Datasheet HTML 8Page - Texas Instruments TPS22922B Datasheet HTML 9Page - Texas Instruments TPS22922B Datasheet HTML 10Page - Texas Instruments TPS22922B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
TPS22921, TPS22922, TPS22922B
www.ti.com........................................................................................................................................ SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008
VIN = 1.2 V, TA = 25°C (unless otherwise noted)
TPS22921
TPS22922(1)
TPS22922B(1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP MAX
CL = 0.1 µF
83
83
435
tON
Turn-ON time
RL = 500 Ω,
CL = 1 µF
103
103
485
µs
CL = 3 µF
122
122
536
CL = 0.1 µF
44
17
17
tOFF
Turn-OFF time
RL = 500 Ω,
CL = 1 µF
312
117
117
µs
CL = 3 µF
1000
319
319
CL = 0.1 µF
41
41
301
tr
VOUT rise time
RL = 500 Ω,
CL = 1 µF
54
54
302
µs
CL = 3 µF
67
67
325
CL = 0.1 µF
123
25
25
tf
VOUT fall time
RL = 500 Ω,
CL = 1 µF
1000
214
214
µs
CL = 3 µF
3400
632
632
(1)
RL_CHIP = 120
VIN = 1.8 V, TA = 25°C (unless otherwise noted)
TPS22921
TPS22922(1)
TPS22922B(1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP MAX
CL = 0.1 µF
54
54
282
tON
Turn-ON time
RL = 500 Ω,
CL = 1 µF
67
67
314
µs
CL = 3 µF
78
78
344
CL = 0.1 µF
41
10
10
tOFF
Turn-OFF time
RL = 500 Ω,
CL = 1 µF
312
67
67
µs
CL = 3 µF
1000
181
181
CL = 0.1 µF
30
30
200
tr
VOUT rise time
RL = 500 Ω,
CL = 1 µF
37
37
202
µs
CL = 3 µF
47
47
219
CL = 0.1 µF
121
17
17
tf
VOUT fall time
RL = 500 Ω,
CL = 1 µF
1000
158
158
µs
CL = 3 µF
3450
461
461
(1)
RL_CHIP = 120
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS22921 TPS22922 TPS22922B


Número de pieza similar - TPS22922B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22922B TI-TPS22922B Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22922BYFPR TI-TPS22922BYFPR Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22922BYFPR TI-TPS22922BYFPR Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22922BYZPR TI-TPS22922BYZPR Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22922BYZPR TI-TPS22922BYZPR Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
More results

Descripción similar - TPS22922B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22921 TI-TPS22921_09 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
logo
Unisonic Technologies
US2236095D UTC-US2236095D Datasheet
159Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
logo
Texas Instruments
TPS22901 TI-TPS22901 Datasheet
707Kb / 25P
[Old version datasheet]   ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
logo
Unisonic Technologies
US2236095 UTC-US2236095 Datasheet
151Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
US2236095DB UTC-US2236095DB Datasheet
149Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com