Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65073 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65073
Descripción Electrónicos  Single Chip Power Solution for Battery Powered Systems
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65073 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65073 Datasheet HTML 5Page - Texas Instruments TPS65073 Datasheet HTML 6Page - Texas Instruments TPS65073 Datasheet HTML 7Page - Texas Instruments TPS65073 Datasheet HTML 8Page - Texas Instruments TPS65073 Datasheet HTML 9Page - Texas Instruments TPS65073 Datasheet HTML 10Page - Texas Instruments TPS65073 Datasheet HTML 11Page - Texas Instruments TPS65073 Datasheet HTML 12Page - Texas Instruments TPS65073 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
www.ti.com
SLVS950B – JULY 2009 – REVISED DECEMBER 2009
wLED BOOST CONVERTER
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VL4
voltage at L4 pin
2.8
39
V
Vsink1,2
Input voltage at ISINK1, ISINK2 pins
16
V
VOUT
Internal overvoltage protection
35
37
39
V
Maximum boost factor (Vout/Vin)
Isink1 = Isink2 = 20 mA, Vin = 2.8 V
9
10
Tmin_off
Minimum off pulse width
70
ns
RDS(ON)
N-channel MOSFET on-resistance
VL4 = 3.6 V
0.6
N-channel MOSFET current limit
0.8
1.6
2.0
A
ILN_NFET
N-channel leakage current
VDS = 25 V, TA = 25°C
1
μA
Switching frequency
1.125
MHz
Vsink1,
Minimum voltage drop at Isink pin to GND for
400
mV
Vsink2
proper regulation
VISET
ISET pin voltage
1.24
V
Iset current = 15
μA
1000
KISET
Current multiple Iout/Iset
Iset current = 25
μA
1000
Minimum current into ISINK1, ISINK2 pins
For proper dimming (string can be disabled also)
4
mA
Isink1, Isink2
Maximum current into ISINK1, ISINK2 pins
Vin = 3.3 V
25
mA
DC current set accuracy
Isinkx = 5 mA to 25 mA; no PWM dimming
±5%
Rset1 = 50k; Isink1 = 25 mA, Vin = 3.6 V; no PWM
Current difference between Isink1 and isink2
±5%
dimming
Rset2 = 250k; Isink1 = 5 mA, Vin = 3.6 V; no PWM
Current difference between Isink1 and Isink2
±5%
dimming
PWM dimming Bit = 00
–15%
100
15%
PWM dimming Bit = 01 (default)
–15%
200
15%
fPWM
PWM dimming frequency
PWM dimming Bit = 10
–15%
500
15%
Hz
PWM dimming Bit = 11
–15%
1000
15%
Rise / fall time of PWM signal
For all PWM frequencies
2
μs
Dimming PWM DAC resolution
1%
Reset, PB_IN, PB_OUT, PGood, Power_on, INT, EN_EXTLDO, EN_wLED
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–15%
20
15%
Input voltage at threshold pin rising; time
100
Reset delay time and PGOOD delay time
defined with <PGOOD DELAY0>, <PGOOD
ms
200
DELAY1>
400
PB-IN debounce time
–15%
50
15%
ms
PB_IN “Reset-detect- time”
Internal timer
–15%
15
15%
s
PGOOD low time when PB_IN = Low for >15s
–15%
0.5
15%
ms
VIH
High level input voltage on pin POWER_ON
1.2
VIN
V
VIH
High level input voltage on pin PB_IN
1.8
AVDD6
V
VIL
Low Level Input Voltage, PB_IN, Power_on
0
0.4
V
Internal pull-up resistor from PB_IN to AVDD6
50
k
Output current at AVDD6
1
mA
IIN
Input bias current at Power_on
0.01
1.0
μA
Reset, PB_OUT, PGood, INT output low voltage,
VOL
IOL = 1 mA, Vthreshold < 1 V
0.3
V
EN_EXTLDO
VOH
EN_EXTLDO HIGH level output voltage
IOH = 0.1 mA; optional push pull output
VSYS
V
IOL
Reset, PB_OUT, PGood, INT sink current
1
mA
Reset, PB_OUT, PGood, INT open drain
Reset, PB_OUT, PGood,INT output leakage current
0.25
μA
output in high impedance state
Vth
Threshold voltage at THRESHOLD pin
Input voltage falling
–4%
1
4%
V
Vth_hyst
Hysteresis on THRESHOLD pin
Input voltage rising
7
mV
Iin
Input bias current at EN_wLED, THRESHOLD
1
μA
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS65070 TPS65072 TPS65073 TPS650731, TPS650732


Número de pieza similar - TPS65073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65073 TI-TPS65073 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65073 TI-TPS65073 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65073-Q1 TI1-TPS65073-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731 TI-TPS650731 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS650731 TI-TPS650731 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Descripción similar - TPS65073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com