Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS650731RSLR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS650731RSLR
Descripción Electrónicos  Single Chip Power Solution for Battery Powered Systems
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS650731RSLR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS650731RSLR Datasheet HTML 7Page - Texas Instruments TPS650731RSLR Datasheet HTML 8Page - Texas Instruments TPS650731RSLR Datasheet HTML 9Page - Texas Instruments TPS650731RSLR Datasheet HTML 10Page - Texas Instruments TPS650731RSLR Datasheet HTML 11Page - Texas Instruments TPS650731RSLR Datasheet HTML 12Page - Texas Instruments TPS650731RSLR Datasheet HTML 13Page - Texas Instruments TPS650731RSLR Datasheet HTML 14Page - Texas Instruments TPS650731RSLR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
www.ti.com
SLVS950B – JULY 2009 – REVISED DECEMBER 2009
POWER PATH (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TDGL(DT)
Power detected deglitch
AC or USB voltage increasing
22.5
ms
VIN(OVP)
Input over voltage detection threshold
5.8
6
6.3
V
POWER PATH TIMING
TSW(ACBAT)
Switching from AC to BAT
No USB, AC power removed
200
μs
SW(USBBAT)
T Switching from USB to BAT
No AC, USB power removed
200
μs
TSW(PSEL)
Switching from USB to AC
I2C
150
μs
TSW(ACUSB)
Switching from AC/ USB, USB / AC
AC power removed or USB power removed
200
μs
Measured from power applied to start of
TSYSOK
SYS power up delay
11
ms
power-up sequence
POWER PATH INTEGRATED MOSFETS CHARACTERISTICS
AC Input switch dropout voltage
(ILIMITAC set = 2.5 A I(SYS) = 1 A)
150
mV
ILIMITUSB = 1300 mA I(SYS) = 500 mA
100
USB input switch dropout voltage
mV
ILIMITUSB = 1300 mA I(SYS) = 800 mA
160
Battery switch dropout voltage
V(BAT) = 3.0 V, I(BAT) = 1 A
85
100
mV
Input Current Limit
IUSB100
Input current limit; USB pin
USB input current [0,0]
90
100
mA
IUSB500
Input current limit; USB pin
USB input current [0,1] (default)
450
500
mA
IUSB800
Input current limit; USB pin
USB input current [1,0]
700
800
mA
IUSB1300
Input current limit; USB pin
USB input current [1,1]
1000
1300
mA
IAC100
Input current limit; AC pin
AC input current [0,0]
90
100
mA
IAC500
Input current limit; AC pin
AC input current [0,1]
450
500
mA
IA1300
Input current limit; AC pin
AC input current [1,0]
1000
1300
mA
IAC2500
Input current limit; AC pin
AC input current [1,1] (default)
2000
2500
mA
POWER PATH SUPPLEMENT DETECTION PROTECTION AND RECOVERY FUNCTIONS
VOUT ≤ VBAT
VBSUP1
Enter battery supplement mode
AC input current set to 10: 1.3A
45 mV
VOUT ≥ VBAT
VBSUP2
Exit battery supplement mode
35 mV
All power path switches set to OFF if V VSYS <
VSYS(SC1)
Sys short-circuit detection threshold, power-on
1.4
1.8
2.0
V
VSYS(SC1)
Short circuit detection threshold hysteresis
50
mV
Internal resistor connected from AC to SYS;
RFLT(AC)
Sys Short circuit recovery pull-up resistors
500
Specified by design
Internal resistor connected from USB to SYS;
RFLT(USB)
Sys Short circuit recovery pull-up resistors
500
Specified by design
Output short-circuit detection threshold, supplement
VSYS(SC2)
200
250
300
mV
mode VBAT – VSYS > VO(SC2) indicates short-circuit
tDGL(SC2)
Deglitch time, supplement mode short circuit
120
μs
tREC(SC2)
Recovery time, supplement mode short circuit
60
ms
VBAT(SC)
BAT pin short-circuit detection threshold
1.4
1.8
2.0
V
IBAT(SC)
Source current for BAT pin short-circuit detection
4
7.5
11
mA
DPPM LOOP(1)
Threshold at which DPPM loop is enabled. This is
3.5
Set with Bits
the approximate voltage at SYS pin, when the USB
3.75
VDPM
<PowerPath DPPM threshold1>;
V
or AC switch reaches current limit and the charging
4.25
<PowerPath DPPM threshold0>
current is reduced; Selectable by I2C
4.50
(1)
If the DPPM threshold is lower than the battery voltage, supplement mode will be engaged first and the SYS voltage will chatter around
the battery voltage; during that condition no DPPM mode is available.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS65070 TPS65072 TPS65073 TPS650731, TPS650732


Número de pieza similar - TPS650731RSLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS650731RSLR TI-TPS650731RSLR Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS650731RSLR TI-TPS650731RSLR Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLR TI1-TPS650731RSLR Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Descripción similar - TPS650731RSLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com