Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3A5017RSV Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TS3A5017RSV
Descripción Electrónicos  DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS3A5017RSV Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3A5017RSV Datasheet HTML 2Page - Texas Instruments TS3A5017RSV Datasheet HTML 3Page - Texas Instruments TS3A5017RSV Datasheet HTML 4Page - Texas Instruments TS3A5017RSV Datasheet HTML 5Page - Texas Instruments TS3A5017RSV Datasheet HTML 6Page - Texas Instruments TS3A5017RSV Datasheet HTML 7Page - Texas Instruments TS3A5017RSV Datasheet HTML 8Page - Texas Instruments TS3A5017RSV Datasheet HTML 9Page - Texas Instruments TS3A5017RSV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY
(1)
TS3A5017
SCDS188D – JANUARY 2005 – REVISED DECEMBER 2008 .......................................................................................................................................... www.ti.com
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VD, VS
0
V+
V
range
25°C
20.5
22
ON-state
0
≤ VS ≤ V+,
Switch ON,
ron
2.3 V
resistance
ID = –24 mA,
See Figure 13
Full
24
ON-state
25°C
1
2
VS = 1.6 V,
Switch ON,
resistance match
Δron
2.3 V
ID = –24 mA,
See Figure 13
Full
3
between channels
25°C
16
18
ON-state
0
≤ VS ≤ V+,
Switch ON,
ron(flat)
2.3 V
resistance flatness
ID = –24 mA,
See Figure 13
Full
20
VS = 0.5 V, VD = 2.2 V,
25°C
–0.1
0.05
0.1
IS(OFF)
or
2.7 V
S
Full
–0.2
0.2
Switch OFF,
VS = 2.2 V, VD = 0.5 V,
OFF leakage
µA
See Figure 14
current
25°C
–1
0.5
1
VS = 0 to 2.7 V,
ISPWR(OFF)
0 V
VD = 2.7 V to 0,
Full
–5
5
VS = 0.5 V, VD = 2.2 V,
25°C
–0.1
0.05
0.1
ID(OFF)
or
2.7 V
D
Full
–0.2
0.2
Switch OFF,
VS = 2.2 V, VD = 0.5V,
OFF leakage
µA
See Figure 14
current
25°C
–1
0.5
1
VD = 0 to 2.7 V,
IDPWR(OFF)
0 V
VS = 2.7 V to 0,
Full
–5
5
S
VS = 0.5 V, VD = Open,
25°C
–0.1
0.05
0.1
Switch ON,
ON leakage
IS(ON)
or
2.7 V
µA
See Figure 15
Full
–0.2
0.2
current
VS = 2.2 V, VD = Open,
D
VD = 0.5 V, VS = Open,
25°C
–0.1
0.05
0.1
Switch ON,
ON leakage
ID(ON)
or
2.7 V
µA
See Figure 15
Full
–0.2
0.2
current
VD = 2.2 V, VS = Open,
Digital Control Inputs (IN1, IN2, EN)(2)
Input logic high
VIH
Full
1.7
V+
V
Input logic low
VIL
Full
0
0.7
V
25°C
–1
0.05
1
Input leakage
IIH, IIL
VI = V+ or 0
2.7 V
µA
current
Full
–1
1
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
6
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3A5017


Número de pieza similar - TS3A5017RSV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A5017RGYR TI-TS3A5017RGYR Datasheet
363Kb / 20P
[Old version datasheet]   14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017RGYR TI1-TS3A5017RGYR Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Descripción similar - TS3A5017RSV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A5017 TI1-TS3A5017_14 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017 Datasheet
363Kb / 20P
[Old version datasheet]   14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5017 Dual SP4T Analog Switch / Multiplexer / Demultiplexer
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com