Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54290 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS54290
Descripción Electrónicos  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54290 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54290_1 Datasheet HTML 7Page - Texas Instruments TPS54290_1 Datasheet HTML 8Page - Texas Instruments TPS54290_1 Datasheet HTML 9Page - Texas Instruments TPS54290_1 Datasheet HTML 10Page - Texas Instruments TPS54290_1 Datasheet HTML 11Page - Texas Instruments TPS54290_1 Datasheet HTML 12Page - Texas Instruments TPS54290_1 Datasheet HTML 13Page - Texas Instruments TPS54290_1 Datasheet HTML 14Page - Texas Instruments TPS54290_1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
TPS5429x
ENx
C
R
+
PVDD2
PVDDx
10 mA (max)
1.25 V
UDG-09125
X
Time
t
DELAY
0
t
DELAY
+ t
SS
PVDDx
ENxB
V
OUTx
1.25-V
Threshold
TPS54290, TPS54291, TPS54292
www.ti.com
SLUS973 – OCTOBER 2009
Figure 12. Startup Delay Schematic
Figure 13. Startup Delay Timing Diagram
NOTE
If delayed output voltage startup is not necessary, simply connect EN1 and EN2 to
GND. This allows the outputs to “start” immediately on the valid application of PVDD2.
If ENx is allowed to go “high” after the outputx has been in regulation, the upper and
lower MOSFETs shut off, and the output decays at a rate determined by the output
capacitor and the load.
SOFT START
Each output has a dedicated soft start circuit. The soft start voltage is an internal digital reference ramp to one of
the two non-inverting inputs of the error amplifier. The other input is the internal precise 0.8-V reference. The
total ramp time for the FB voltage to charge from 0 V to 0.8 V is about 5.2 ms, 2.6 ms and 1.3 ms for
TPS54190/1/2 respectively. During a soft start interval, the TPS5429x output slowly increases the voltage to the
non-inverting input of the error amplifier. In this way, the output voltage slowly ramps up until the voltage on the
non-inverting input to the error amplifier reaches the internal 0.8V reference voltage. At that time, the voltage at
the non-inverting input to the error amplifier remains at the reference voltage.
During the soft-start interval, pulse-by-pulse current limiting is in effect. If an over-current pulse is detected, six
PWM pulses is skipped to allow the inductor current to decay before another PWM pulse is applied (See Output
Overload Protection). There is no pulse skipping if a current limit pulse is not detected.
If the rate of rise of the input voltage (PVDDx) is such that the input voltage is too low to support the desired
regulation voltage by the time soft-start has completed, then the output UV circuit may trip and cause a hiccup in
the output voltage. In this case, use a timed delay startup from the ENx pin to delay the startup of the output until
the PVDDx voltage has the capability of supporting the desired regulation voltage.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Número de pieza similar - TPS54290_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Descripción similar - TPS54290_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com