Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVCH8T245PWRG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
74LVCH8T245PWRG4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 22 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 74LVCH8T245DBQRG4 ACTIVE SSOP/ QSOP DBQ 24 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 74LVCH8T245DBRE4 ACTIVE SSOP DB 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74LVCH8T245DBRG4 ACTIVE SSOP DB 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74LVCH8T245DGVRG4 ACTIVE TVSOP DGV 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74LVCH8T245DWRG4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74LVCH8T245NSRG4 ACTIVE SO NS 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74LVCH8T245PWRE4 ACTIVE TSSOP PW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74LVCH8T245PWRG4 ACTIVE TSSOP PW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74LVCH8T245RHLRG4 ACTIVE QFN RHL 24 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74LVCH8T245DBQR ACTIVE SSOP/ QSOP DBQ 24 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74LVCH8T245DBR ACTIVE SSOP DB 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LVCH8T245DGVR ACTIVE TVSOP DGV 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LVCH8T245DGVRG ACTIVE TVSOP DGV 24 TBD Call TI Call TI SN74LVCH8T245DWR ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LVCH8T245NSR ACTIVE SO NS 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LVCH8T245PW ACTIVE TSSOP PW 24 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LVCH8T245PWE4 ACTIVE TSSOP PW 24 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LVCH8T245PWG4 ACTIVE TSSOP PW 24 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LVCH8T245PWR ACTIVE TSSOP PW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LVCH8T245RHLR ACTIVE QFN RHL 24 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. PACKAGE OPTION ADDENDUM www.ti.com 4-Jun-2007 Addendum-Page 1 |
Número de pieza similar - 74LVCH8T245PWRG4 |
|
Descripción similar - 74LVCH8T245PWRG4 |