Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA4800AF Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TA4800AF
Descripción Electrónicos  1 A Output Current Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4800AF Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA4800AF Datasheet HTML 2Page - Toshiba Semiconductor TA4800AF Datasheet HTML 3Page - Toshiba Semiconductor TA4800AF Datasheet HTML 4Page - Toshiba Semiconductor TA4800AF Datasheet HTML 5Page - Toshiba Semiconductor TA4800AF Datasheet HTML 6Page - Toshiba Semiconductor TA4800AF Datasheet HTML 7Page - Toshiba Semiconductor TA4800AF Datasheet HTML 8Page - Toshiba Semiconductor TA4800AF Datasheet HTML 9Page - Toshiba Semiconductor TA4800AF Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TA4800AF
2009-09-30
8
100 mA
I OUT = 1 A
500 mA
VOUT – IOUT
VOUT – IOUT
Output current I OUT (mA)
Output current I OUT (A)
1000
0
400
200
600
3.1
3.2
3.3
3.5
3.4
0
4
2
1
2
0
1
0.5
1.5
3
VD – IOUT
Output current I OUT (mA)
Tj
= −40℃
0
0.8
0.6
0.2
1000
0
400
200
600
25℃
125℃
0.4
800
VD – Tj
Junction temperature Tj (°C)
0
0.8
0.6
0.2
150
−50
0
100
0.4
50
800
85℃
2.5
Junction temperature Tj (°C)
I PEAK – Tj
Dropout voltage VD (V)
I PEAK – VD
0
10
20
5
0
2.5
0.5
1.5
1.0
2.0
-50
50
150
0
100
15
0
3.0
0.5
1.5
1.0
2.5
2.0
VIN = 5.3 V
VOUT = 3.3V
Tj = 25°C
VIN = 5.3 V
VOUT = 3.3V
Tj = 25°C
VOUT = 3.3V
Tj = 25°C
VIN = 5.3 V
VOUT = 3.3V
VOUT = 3.3V
Tj = 25°C
VOUT = 3.3V
Tj = 25°C


Número de pieza similar - TA4800AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
More results

Descripción similar - TA4800AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Toshiba Semiconductor
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
   1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
NEC
UPD120N NEC-UPD120N Datasheet
157Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
logo
Renesas Technology Corp
UPD120NXX RENESAS-UPD120NXX Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
logo
New Japan Radio
NJM2841 NJRC-NJM2841 Datasheet
161Kb / 12P
   Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
logo
Texas Instruments
TPS7A7100 TI1-TPS7A7100 Datasheet
1Mb / 29P
[Old version datasheet]   1-A, Fast-Transient, Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com