Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA4809BF Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TA4809BF
Descripción Electrónicos  1 A Three-Terminal Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4809BF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA4809BF Datasheet HTML 1Page - Toshiba Semiconductor TA4809BF Datasheet HTML 2Page - Toshiba Semiconductor TA4809BF Datasheet HTML 3Page - Toshiba Semiconductor TA4809BF Datasheet HTML 4Page - Toshiba Semiconductor TA4809BF Datasheet HTML 5Page - Toshiba Semiconductor TA4809BF Datasheet HTML 6Page - Toshiba Semiconductor TA4809BF Datasheet HTML 7Page - Toshiba Semiconductor TA4809BF Datasheet HTML 8Page - Toshiba Semiconductor TA4809BF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TA48015,018,025,033,05,08,09BF
2009-02-02
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA48015BF,TA48018BF,TA48025BF
TA48033BF,TA4805BF,TA4808BF,TA4809BF
1 A Three-Terminal Low-Dropout Voltage Regulator
The TA48***BF series consists of fixed-positive-output,
low-dropout regulators with an output current of 1 A (max) that
utilize V-PNP transistors for the output stage. In response to the
need for low-voltage and low-power dissipation devices for use in
consumer electronics and industrial appliances, the series offers
devices with low output voltages:1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V, 8
V, 9 V
Features
• Maximum output current: 1 A
• Low output voltage
: 1.5 / 1.8 / 2.5 / 3.3 / 5.0 / 8.0 / 9.0 V
• Output voltage accuracy : VOUT ± 3% (@Tj = 25°C)
• Low standby current
: 850
μA (typ.) (@IOUT = 0 A)
• Low starting quiescent current
• Low-dropout voltage
: VD = 0.5 V (max) (@IOUT = 0.5 A)
(1.1V only for TA48015BF)
• COUT (reference)
: 2.2
μF(multi-layer ceramic type)
• Protection function
: Overcurrent protection / overheating protection / SOA
• Package type
: Surface-mount New PW-Mold
Pin Assignment
The product(s) in this document (“Product”) contain functions intended to protect the Product from
temporary small overloads such as minor short-term overcurrent or overheating. The protective
functions do not necessarily protect Product under all circumstances. When incorporating Product into
your system, please design the system (1) to avoid such overloads upon the Product, and (2) to shut
down or otherwise relieve the Product of such overload conditions immediately upon occurrence. For
details, please refer to the notes appearing below in this document and other documents referenced in
this document.
Weight
HSOP3-P-2.30D : 0.36 g (typ.)
1
OUT
Marking side
3
2
GND
IN


Número de pieza similar - TA4809BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA4809BF TOSHIBA-TA4809BF Datasheet
252Kb / 11P
   1 A Three-Terminal Low-Dropout Voltage Regulator
More results

Descripción similar - TA4809BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF Datasheet
252Kb / 11P
   1 A Three-Terminal Low-Dropout Voltage Regulator
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12