Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61030PWPG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61030PWPG4
Descripción Electrónicos  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61030PWPG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61030PWPG4 Datasheet HTML 3Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 4Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 5Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 6Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 7Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 8Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 9Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 10Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
VBAT = 2.4 V
VBAT = 1.8 V
VO = 3.3 V
IO - Output Current - mA
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
IO - Output Current - mA
VO = 2.5 V
VI = 1.8 V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
VBAT = 3.3 V
VBAT = 2.4 V
VO = 5 V
IO - Output Current - mA
50
80
90
100
VI - Input Voltage - V
IO = 10 mA
IO = 100 mA
1.8
2
2.6
2.8
3
2.2
2.4
3.2
60
IO = 1000 mA
70
TPS61030
TPS61031, TPS61032
SLUS534D – SEPTEMBER 2002 – REVISED APRIL 2004
TYPICAL CHARACTERISTICS (continued)
TPS61030
TPS61031
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
TPS61032
TPS61031
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 5.
Figure 6.
7


Número de pieza similar - TPS61030PWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61030PWPG4 TI1-TPS61030PWPG4 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
More results

Descripción similar - TPS61030PWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com