Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS63001DRCT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS63001DRCT
Descripción  HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS63001DRCT Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS63001
V
=3.3V
O
V =4.2V,
I
=500mA
I
O
InductorCurrent
500mA/div
L2Voltage
5V/div
L1Voltage
5V/div
OutputVoltage
10mV/div
Timebase500ns/div
V = 2.4 V, I = 500 mA
I
O
Timebase500ns/Div
TPS63001,
V
=3.3V
O
OutputVoltage
10mV/div
L1Voltage
5V/div
L2Voltage
5V/div
InductorCurrent
500mA/div
InductorCurrent
500mA/div,dc
OutputVoltage
100mV/div
V =4.2V,I
=50mA
I
O
TPS63001,
V
=3.3V
O
Timebase5 s/Div
m
V =3.3V,I
=500mA
I
O
TPS63001,
V
=3.3V
O
Timebase500ns/div
OutputVoltage
10mV/div
L1Voltage
5V/div
L2Voltage
5V/div
InductorCurrent
500mA/div
TPS63000
TPS63001
TPS63002
SLVS520B – MARCH 2006 – REVISED JULY 2008........................................................................................................................................................... www.ti.com
OUTPUT VOLTAGE IN CONTINUOUS
OUTPUT VOLTAGE IN CONTINUOUS
CURRENT MODE (TPS63001, VIN > VOUT)
CURRENT MODE (TPS63001, VIN > VOUT)
Figure 8.
Figure 9.
OUTPUT VOLTAGE IN CONTINUOUS
OUTPUT VOLTAGE IN POWER
CURRENT MODE (TPS63001, VIN = VOUT)
SAVE MODE (TPS63001, VIN > VOUT)
Figure 10.
Figure 11.
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS63000 TPS63001 TPS63002


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn