Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61032PWPRG4 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS61032PWPRG4
Descripción Electrónicos  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61032PWPRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61032PWPRG4 Datasheet HTML 2Page - Texas Instruments TPS61032PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS61032PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS61032PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS61032PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS61032PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS61032PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS61032PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS61032PWPRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
0.5
1
1.5
2
2.5
3
3.5
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
VI - Input Voltage - V
0
0.5
1
1.5
2
2.5
3
3.5
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
VI - Input Voltage - V
TPS61030
TPS61031, TPS61032
SLUS534D – SEPTEMBER 2002 – REVISED APRIL 2004
Table of Graphs
DC/DC Converter
Figure
Maximum output current
vs Input voltage
1, 2
vs Output current (TPS61030) (VO = 2.5 V, VI = 1.8 V, VSYNC = 0 V)
3
vs Output current (TPS61031) (VO = 3.3 V, VI = 1.8 V, 2.4 V, VSYNC = 0 V)
4
Efficiency
vs Output current (TPS61032) (VO = 5.0 V, VI = 2.4 V, 3.3 V, VSYNC = 0 V)
5
vs Input voltage (TPS61031) (IO = 10 mA, 100 mA, 1000 mA, VSYNC = 0 V)
6
vs Input voltage (TPS61032) (IO = 10 mA, 100 mA, 1000 mA, VSYNC = 0 V)
7
vs Output current (TPS61031) (VI = 2.4 V)
8
Output voltage
vs Output current (TPS61032) (VI = 3.3 V)
9
No-load supply current into VBAT
vs Input voltage (TPS61032)
10
No-load supply current into VOUT
vs Input voltage (TPS61032)
11
Minimum Load Resistance at Startup
vs Input voltage (TPS61032)
12
Output voltage in continuous mode (TPS61032)
13
Output voltage in power save mode (TPS61032)
14
Waveforms
Load transient response (TPS61032)
15
Line transient response (TPS61032)
16
DC/DC converter start-up after enable (TPS61032)
17
TPS61031
TPS61032
MAXIMUM OUTPUT CURRENT
MAXIMUM OUTPUT CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 1.
Figure 2.
6


Número de pieza similar - TPS61032PWPRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61032PWPR TI1-TPS61032PWPR Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
More results

Descripción similar - TPS61032PWPRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com