Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61032RSARG4 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS61032RSARG4
Descripción Electrónicos  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61032RSARG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61032RSARG4 Datasheet HTML 1Page - Texas Instruments TPS61032RSARG4 Datasheet HTML 2Page - Texas Instruments TPS61032RSARG4 Datasheet HTML 3Page - Texas Instruments TPS61032RSARG4 Datasheet HTML 4Page - Texas Instruments TPS61032RSARG4 Datasheet HTML 5Page - Texas Instruments TPS61032RSARG4 Datasheet HTML 6Page - Texas Instruments TPS61032RSARG4 Datasheet HTML 7Page - Texas Instruments TPS61032RSARG4 Datasheet HTML 8Page - Texas Instruments TPS61032RSARG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS61030
TPS61031, TPS61032
SLUS534D – SEPTEMBER 2002 – REVISED APRIL 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OUTPUT VOLTAGE OPTIONS(1)
OUTPUT VOLTAGE
TA
PACKAGE
PART NUMBER(2)
DC/DC
Adjustable
TPS61030PWP
3.3 V
16-Pin TSSOP PowerPAD™
TPS61031PWP
5 V
TPS61032PWP
40
°C to 85°C
Adjustable
TPS61030RSA
3.3 V
16-Pin QFN
TPS61031RSA
5 V
TPS61032RSA
(1)
Contact the factory to check availability of other fixed output voltage versions.
(2)
The packages are available taped and reeled. Add R suffix to device type (e.g., TPS61030PWPR or TPS61030RSAR) to order
quantities of 2000 devices per reel for the PWP packaged devices and 3000 units per reel for the RSA package.
over operating free-air temperature range (unless otherwise noted)(1)
TPS6103x
Input voltage range on LBI
-0.3 V to 3.6 V
Input voltage range on SW, VOUT, LBO, VBAT, SYNC, EN, FB
-0.3 V to 7 V
Maximum junction temperature TJ
-40
°C to 150°C
Storage temperature range Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
Supply voltage at VBAT, VI
1.8
5.5
V
Operating ambient temperature range, TA
-40
85
°C
Operating virtual junction temperaturerange, TJ
-40
125
°C
2


Número de pieza similar - TPS61032RSARG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61032RSARG4 TI1-TPS61032RSARG4 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
More results

Descripción similar - TPS61032RSARG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com