Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6623 Datasheet(PDF) 1 Page - Semtech Corporation

No. de pieza 1N6623
Descripción Electrónicos  Axial Leaded Hermetically Sealed Ultra Fast Recovery Rectifier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6623 Datasheet(HTML) 1 Page - Semtech Corporation

  1N6623 Datasheet HTML 1Page - Semtech Corporation 1N6623 Datasheet HTML 2Page - Semtech Corporation 1N6623 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER DISCRETES
1
www.semtech.com
1N6620 THRU 1N6625
Axial Leaded Hermetically Sealed
Ultra Fast Recovery Rectifier Diode
Features
Revision: November, 2009
Quick reference data
V
R = 200 - 1000V
I
F
= 1.5 - 2.0 A
t
rr
= 30 - 60ns
V
F = 1.6 -1.95V
Low reverse leakage current
Hermetically sealed in fused metal oxide
Good thermal shock resistance
Low forward voltage drop
Avalanche capability
Absolute Maximum Ratings
Electrical specifications @ T
A = 25°C unless otherwise specified.
l
o
b
m
y
S
0
2
6
6
N
1
1
2
6
6
N
1
2
2
6
6
N
1
3
2
6
6
N
1
4
2
6
6
N
1
5
2
6
6
N
1
s
ti
n
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
g
n
i
k
r
o
W
V
M
W
R
0
0
2
0
0
4
0
0
6
0
0
8
0
0
9
0
0
0
1
V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
h
t
g
n
e
l
d
a
e
l
,r
i
a
e
e
rf
n
i
C
°
5
5
@
"
5
7
3
.
0
I
)
V
A
(
F
0
.
2
0
.
2
0
.
2
5
.
1
5
.
1
5
.
1
A
t
n
e
r
r
u
C
e
g
r
u
S
e
v
it
it
e
p
e
R
-
n
o
N
V
@
S
m
3
.
8
=
p
t(
R
T
&
X
A
M
J
)
V
@
,
S
m
3
.
8
=
p
t(
R
)
C
°
5
2
&
I
M
S
F
0
2
0
2
0
2
0
2
0
2
5
1
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
5
7
1
+
o
t
5
6
-
C
°
Description


Número de pieza similar - 1N6623

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N6623 MICROSEMI-1N6623 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6623 MICROSEMI-1N6623 Datasheet
335Kb / 4P
   RECOVERY GLASS RECTIFIERS
1N6623 MICROSEMI-1N6623 Datasheet
325Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6623 MICROSEMI-1N6623 Datasheet
344Kb / 4P
   VOIDLESS-HERMETICALLYSEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
Sensitron
1N6623 SENSITRON-1N6623 Datasheet
58Kb / 3P
   Ultrafast Recovery Rectifier
More results

Descripción similar - 1N6623

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N5415 SEMTECH-1N5415_10 Datasheet
135Kb / 5P
   Axial Leaded Hermetically Sealed Fast Rectifier Diode
1N5415 SEMTECH-1N5415 Datasheet
183Kb / 5P
   Axial Leaded Hermetically Sealed Fast Rectifier Diode
PF8 SEMTECH-PF8 Datasheet
93Kb / 3P
   Axial Leaded Hermetically Sealed Fast Rectifier Diode
1N4942 SEMTECH-1N4942 Datasheet
91Kb / 2P
   Axial Leaded Hermetically Sealed Fast Recovery Rectifier Diodes
2PFF6 SEMTECH-2PFF6 Datasheet
108Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFRO SEMTECH-PFRO Datasheet
111Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
1N5550 SEMTECH-1N5550_08 Datasheet
159Kb / 4P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
PFF2 SEMTECH-PFF2 Datasheet
148Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PM6 SEMTECH-PM6 Datasheet
99Kb / 3P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
1N3611 SEMTECH-1N3611 Datasheet
95Kb / 2P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com