Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KD13.4101.151 Datasheet(PDF) 4 Page - Schurter Inc.

No. de pieza KD13.4101.151
Descripción Electrónicos  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KD13.4101.151 Datasheet(HTML) 4 Page - Schurter Inc.

  KD13.4101.151 Datasheet HTML 1Page - Schurter Inc. KD13.4101.151 Datasheet HTML 2Page - Schurter Inc. KD13.4101.151 Datasheet HTML 3Page - Schurter Inc. KD13.4101.151 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Power entry modules without line filter
KD
www.schurter.com/pg05
Connectors
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4787
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
5091
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
5092
Appliance Outlet further types to KD
Connector Overview complete
IEC Connector C15, Rewireable, Straight
0101
IEC Connector C15A, Rewireable, Straight
0102
IEC Connector C15A, Rewireable, Straight
0102-G
IEC Connector C15A, Rewireable, Angled
0112
IEC Connector C13, Rewireable, Angled
4012
Connector further types to KD
...
Power Cord Overview complete
Power Cord with IEC Connector C13, Angled
0311
Power Cord with IEC Connector C13, Angled
3011
Power Cord with IEC Connector C13, Angled
3012
Power Cord with IEC Connector C13, Angled
3013
Power Cord with IEC Connector C13
3020
Power Cord further types to KD
...
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Número de pieza similar - KD13.4101.151

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
KD13.1101.105 SCHURTER-KD13.1101.105 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KD13.1101.105 SCHURTER-KD13.1101.105_V01 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
More results

Descripción similar - KD13.4101.151

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
KG165101151 SCHURTER-KG165101151 Datasheet
568Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD13.1101.105 SCHURTER-KD13.1101.105_V01 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG16.5101.105 SCHURTER-KG16.5101.105 Datasheet
582Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG156199151 SCHURTER-KG156199151 Datasheet
493Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KD114199151 SCHURTER-KD114199151 Datasheet
504Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KG-BOWDENCABLE SCHURTER-KG-BOWDENCABLE Datasheet
424Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
20.08.2020
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
6765 SCHURTER-6765 Datasheet
453Kb / 4P
   IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
KEC SCHURTER-KEC_18 Datasheet
822Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC_V01 Datasheet
874Kb / 8P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com