Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

00318241 Datasheet(PDF) 1 Page - Schurter Inc.

No. de pieza 00318241
Descripción Electrónicos  Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

00318241 Datasheet(HTML) 1 Page - Schurter Inc.

  00318241 Datasheet HTML 1Page - Schurter Inc. 00318241 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Fuseholder Blocks & Clips
OGD-SMD
www.schurter.com/pg02b
Fuses
Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm, SMD, IEC: 500 VAC, UL/CSA: 600 VAC/DC, Cover, IEC
60355-1
500 VAC · 4W/10A (VDE) · 600VAC/DC · 16A (UL/CSA)
Description
-Fuseholderfor500VACapplications
-MeetsthenewrequirementsofIEC60335-1Ed.4.0forappliances
inunattendeduse(clause30.2.3).Thisincludestheenhancedre-
quirementsofglowwiretestsacc.toIEC60695-2-11to-13.Order
number:0031.8242/0031.8242.F1
-Fuseblockaccepts5x20or6.3x32fuse-links
Standards
-IEC60127-6
-UL4248-1/UL512
-CSAC22.2no.39
Approvals
-VDELicenseNumber:40008993(250V)+40018378(500V)
-ULFileNumber:E39328
Applications
-Equipmentwiththree-phasesupply(400VAC)
-Industrialelectronic
References
GeneralProductInformation
PackagingDetails
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
Fuse-Link
5x20or6.3x32mm
Mounting
PCB
Mounting
ScreworRivet
Terminal
SolderSMT
RatedVoltage
500VAC(VDE),600VAC/DC(UL/CSA)
RatedCurrent
10A(VDE),16A(UL/CSA)
RatedPowerAcceptanceIEC 4W/10A@Ta23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
DegreeofProtection
IP00/IP20
ProtectionClass
Suitableforapplianceswithprotection
class1or2acc.toIEC61140
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Socket
Thermoplastic,black,UL94V-0
Material:Terminals
Tin-PlatedCopperAlloy
UnitWeight(Socket/Cap)
3.7g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Voltage,PowerAcc./Current
Rating,Approvals
SolderingMethods
Reflow(seevariants)
Solderability
245°C/3secacc.toIEC60068-2-58,
TestTd
ResistancetoSolderingHeat
240-260°C/20-40secacc.toIPC/
JEDECJ-STD-020D
ContactResistance
<5m
Ωat20mV
DielectricStrength
>3kVbetweenL-N
(50Hz;1min)
ImpulseWithstandVoltage
>4kVbetweenL-N
InsulationResistance
>10M
ΩbetweenL-N
(500VDC;1min)
OvervoltageCategory
I-IIIacc.toIEC60664-1
PollutionDegree
2acc.toIEC60664-1
ResistancetoVibration
acc.toIEC60068-2-6,testFc


Número de pieza similar - 00318241

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
00318201 SCHURTER-00318201 Datasheet
484Kb / 3P
   Fuseholder Open Design, 5 x 20 mm, THT, var. Covers, IEC 60335-1
00318231 SCHURTER-00318231 Datasheet
415Kb / 2P
   Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
More results

Descripción similar - 00318241

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
00318231 SCHURTER-00318231 Datasheet
415Kb / 2P
   Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
00318002 SCHURTER-00318002 Datasheet
395Kb / 2P
   Fuseholder Open Design, 6.3 x 32 mm, THT
RSH SCHURTER-RSH Datasheet
403Kb / 2P
   Fuseholder Open Design, 6.3 x 32 mm, Solder
23211B SCHURTER-23211B Datasheet
215Kb / 1P
   Fuseholder Open Design, 6.3 x 32 mm, Screw Clamp
23748B SCHURTER-23748B Datasheet
215Kb / 1P
   Fuseholder Open Design, 6.3 x 32 mm, Screw Clamp, grey
0031.1714 SCHURTER-0031.1714 Datasheet
511Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot
0031.1801 SCHURTER-0031.1801 Datasheet
221Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
FEU-GRIP SCHURTER-FEU-GRIP Datasheet
269Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
0031.8001 SCHURTER-0031.8001_V01 Datasheet
226Kb / 2P
   Fuseholder Open Design, 5 x 20 mm, THT, Cover
04.01.2022
08539561 SCHURTER-08539561 Datasheet
416Kb / 2P
   Fuseholder Open Design, 5 x 20 mm, THT, Cover
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com