Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC12058 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MC12058
Descripción Electrónicos  1.1 GHz Low Power Dual Modulus Prescaler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12058 Datasheet(HTML) 1 Page - Motorola, Inc

  MC12058 Datasheet HTML 1Page - Motorola, Inc MC12058 Datasheet HTML 2Page - Motorola, Inc MC12058 Datasheet HTML 3Page - Motorola, Inc MC12058 Datasheet HTML 4Page - Motorola, Inc MC12058 Datasheet HTML 5Page - Motorola, Inc MC12058 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
MC12058
Order this document by MC12058/D
SEMICONDUCTOR
TECHNICAL DATA
MECL PLL COMPONENTS
÷126/128, ÷254/256
LOW POWER
DUAL MODULUS PRESCALER
PIN CONNECTIONS
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
1
8
IN
(Top View)
8
IN
VCC
SW
OUT
NC
MC
Gnd
7
6
5
1
2
3
4
Device
Operating
Temp Range
Package
ORDERING INFORMATION
MC12058D
TA = – 40 to 85°C
SO–8
1
MOTOROLA RF/IF DEVICE DATA
1.1 GHz Low Power
Dual Modulus Prescaler
The MC12058 is a low power
÷126/128, ÷254/256 dual modulus
prescaler. Motorola’s advanced Bipolar MOSAIC
™ V technology is utilized to
achieve low power dissipation of 3.0 mW at a minimum supply voltage of
2.7 V. The MC12058 can be operated down to a minimum supply voltage of
2.7 V required for battery operated portable systems.
On–chip output termination provides 250
µA (typical) output current to
drive a 8.0 pF (typical) high impedance load. The Divide Ratio Control input,
SW, permits selection of divide ratio as desired. A HIGH on SW selects
÷126/128; an OPEN on SW selects ÷254/256. The Modulus Control input,
MC, selects the proper divide number after SW has been biased to select the
desired divide ratio.
1.1 GHz Toggle Frequency
Supply Voltage 2.7 to 5.5 V
Low Power 1.1 mA Typical at VCC = 3.0 V
Operating Temperature Range of –40 to 85°C
On–Chip Output Termination
MOSAIC V is a trademark of Motorola
FUNCTIONAL TABLE
SW
MC
Divide Ratio
H
H
126
H
L
128
L
H
254
L
L
256
NOTES: 1. SW: H = VCC, L = Open. A logic L can also be applied by grounding this pin,
but this is not recommended due to increased power consumption.
2. MC: H = 2.0 V to VCC, L = GND to 0.8 V.
MAXIMUM RATINGS
Characteristic
Symbol
Range
Unit
Power Supply Voltage, Pin 2
VCC
–0.5 to 7.0
Vdc
Operating Temperature Range
TA
–40 to 85
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Modulus Control Input, Pin 6
MC
–0.5 to VCC
Vdc
Maximum Output Current, Pin 4
IO
4.0
mA
NOTE:
ESD data available upon request.
© Motorola, Inc. 1998
Rev 5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Número de pieza similar - MC12058

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
MC12052AD LANSDALE-MC12052AD Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052AD MOTOROLA-MC12052AD Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
MC12052AD LANSDALE-MC12052AD Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
More results

Descripción similar - MC12058

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052 LANSDALE-ML12052 Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
LANSDALE Semiconductor ...
ML12054A LANSDALE-ML12054A_08 Datasheet
94Kb / 4P
   2.0 GHz Super Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com