Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0034.0911.PT Datasheet(PDF) 2 Page - Schurter Inc.

No. de pieza 0034.0911.PT
Descripción Electrónicos  Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.0911.PT Datasheet(HTML) 2 Page - Schurter Inc.

  0034.0911.PT Datasheet HTML 1Page - Schurter Inc. 0034.0911.PT Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
SA 5x20
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .25 In
typ. [mW]
Melting I²t
0.0 Intyp.
[A²s]
Order Number
1.6
250
1)
400
250
600
0.384
0034.0903
2
250
1)
370
200
600
0.484
0034.0904
2.5
250
1)
340
200
800
1.06
0034.0905
3.15
250
1)
310
180
1000
1.26
0034.0906
4
250
1)
280
180
1200
1.28
0034.0907
5
250
1)
250
160
1400
1.78
0034.0908
6.3
250
1)
250
170
2000
5.95
0034.0909
8
250
1)
250
190
2800
8.32
0034.0910
10
250
1)
250
160
2900
17
0034.0911
1)1500A@250VAC,p.f.=0.7-0.8
Packaging Unit
xxxx.xxxx.G
Bulk128x91x60mm(1000pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Número de pieza similar - 0034.0911.PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
0034.0911 SCHURTER-0034.0911 Datasheet
202Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
More results

Descripción similar - 0034.0911.PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
SA5X20 SCHURTER-SA5X20_V01 Datasheet
242Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
0034.0903 SCHURTER-0034.0903 Datasheet
202Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
SA5X20 SCHURTER-SA5X20 Datasheet
231Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
172582 SCHURTER-172582_V02 Datasheet
198Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
00341001 SCHURTER-00341001 Datasheet
264Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
A12FA250V SCHURTER-A12FA250V_18 Datasheet
271Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
A12FA250V SCHURTER-A12FA250V_V02 Datasheet
273Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
SA6.3X32 SCHURTER-SA6.3X32_V01 Datasheet
183Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
09.12.2021
A12FA250V SCHURTER-A12FA250V Datasheet
386Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
A12FA250V SCHURTER-A12FA250V_V01 Datasheet
210Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
29.09.2021
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com