Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0001.1026 Datasheet(Hoja de datos) 2 Page - Schurter Inc.

No. de Pieza. 0001.1026
Descripción  Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo 

   
 2 page
background image
2
Non resettable fuses
SP 6.3x32
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .5 In
typ. [mW]
Melting I²t 0.0
Intyp. [A²s]
Order Number
0.5
250
1)
3000
1000
3000
0.13
0001.1021
0.63
250
1)
2500
2500
3800
0.003
0001.1022
0.8
250
1)
2200
520
1200
0.06
0001.1023
1
250
1)
1900
410
1200
0.4
0001.1024
1.25
250
1)
1600
1600
5400
-
0001.1025
1.6
250
1)
1300
460
2100
1.2
0001.1026
2
250
1)
1000
340
2000
2.4
0001.1027
2.5
250
1)
700
350
2800
4.1
0001.1028
3.15
250
1)
600
270
3000
7.9
0001.1029
4
250
1)
550
270
3500
15
0001.1030
5
250
1)
500
240
3700
32
0001.1031
6.3
250
1)
450
170
4700
38
0001.1032
8
250
1)
400
250
6700
62
0001.1033
10
250
1)
350
150
5200
140
0001.1034
12.5
250
2)
300
150
7600
230
0001.1035
16
250
2)
250
130
8400
455
0001.1036
20
250
2)
250
130
11500
846
0001.1037
1)1500A@250VAC,p.f.=0.7-0.8
2)1000A@250VAC,p.f.=0.7-0.8
Packaging Unit
SmallBoxPack(10pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 4 A
_> 5 A
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.




Html Pages

1  2 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl