Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6149 Datasheet(PDF) 5 Page - Semtech Corporation

No. de pieza 1N6149
Descripción Electrónicos  1500W Bipolar Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6149 Datasheet(HTML) 5 Page - Semtech Corporation

  1N6149 Datasheet HTML 1Page - Semtech Corporation 1N6149 Datasheet HTML 2Page - Semtech Corporation 1N6149 Datasheet HTML 3Page - Semtech Corporation 1N6149 Datasheet HTML 4Page - Semtech Corporation 1N6149 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
© 2010 Semtech Corp.
www.semtech.com
POWER DISCRETES
1N6138 thru 1N6173
Semtech Corporation
Power Discretes Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
Ordering Information
Outline Drawing
r
e
b
m
u
N
t
r
a
P
n
o
i
t
p
i
r
c
s
e
D
8
3
1
6
N
1
u
r
h
t
3
7
1
6
N
1
d
e
l
a
e
s
y
ll
a
c
i
t
e
m
r
e
h
d
e
d
a
e
l
l
a
i
x
A
)
1
(
Note:
(1) Available in bulk and tape and reel packaging. Please
consult factory for quantities.
Note:
(1) Lead diameter uncontrolled over this region.
s
n
o
i
s
n
e
m
i
D
M
I
D
N
s
e
h
c
n
I
s
r
e
t
e
m
i
l
l
i
M
e
t
o
N
N
I
M
X
A
M
N
I
M
X
A
M
A
5
3
1
.
5
8
1
.
0
4
.
3
7
.
4
-
B
0
9
.
0
3
.
1
9
.
2
2
0
.
3
3
-
C
0
4
1
.
5
9
1
.
5
.
3
0
.
5
-
D
-
0
3
0
.
-
0
8
.
1
E
6
3
0
.
0
2
4
0
.
1
9
.
7
0
.
1
-


Número de pieza similar - 1N6149

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N6149 SEMTECH-1N6149 Datasheet
111Kb / 3P
   1500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
1N6149 MICROSEMI-1N6149 Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Semtech Corporation
1N6149 SEMTECH-1N6149 Datasheet
133Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
1N6149 SEMTECH-1N6149 Datasheet
47Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
New Jersey Semi-Conduct...
1N6149 NJSEMI-1N6149 Datasheet
246Kb / 2P
   1500W BIPOLAR TRANSIENT VOLTAGE SUPPRESSORS
More results

Descripción similar - 1N6149

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N6138 SEMTECH-1N6138_07 Datasheet
133Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
1N6138 NJSEMI-1N6138 Datasheet
246Kb / 2P
   1500W BIPOLAR TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
1.5KE ZSELEC-1.5KE Datasheet
328Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMCJ5.0CA HUAXINAN-SMCJ5.0CA_V01 Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
1.5KE6.8CA HUAXINAN-1.5KE6.8CA_V01 Datasheet
365Kb / 5P
   1500W Transient Voltage Suppressors
1.5SMBJ6.8CA HUAXINAN-1.5SMBJ6.8CA Datasheet
426Kb / 4P
   1500W Transient Voltage Suppressors
logo
Won-Top Electronics
1-5KE WTE-1-5KE Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
15KE WTE-15KE Datasheet
65Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Digitron Semiconductors
1N5610 DIGITRON-1N5610 Datasheet
106Kb / 2P
   1500W TRANSIENT VOLTAGE SUPPRESSORS UNIDIRECTIONAL
logo
Won-Top Electronics
15SMCJ WTE-15SMCJ Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com