Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0001.2531 Datasheet(PDF) 2 Page - Schurter Inc.

No. de pieza 0001.2531
Descripción Electrónicos  Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0001.2531 Datasheet(HTML) 2 Page - Schurter Inc.

  0001.2531 Datasheet HTML 1Page - Schurter Inc. 0001.2531 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
SPT 6.3x32
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .5 In
typ. [mW]
Melting I²t 0.0
Intyp. [A²s]
Order Number
0.5
250
1)
2500
2400
3100
0.3
l
0001.2521
0.63
250
1)
2000
560
900
0.3
l
0001.2522
0.8
250
1)
1200
490
1000
0.5
l
0001.2523
1
250
1)
900
350
900
2.4
l
0001.2524
1.25
250
1)
700
170
500
2.5
l
0001.2525
1.6
250
1)
500
240
1000
4.2
l
0001.2526
2
250
1)
400
200
1100
13
l
0001.2527
2.5
250
1)
350
150
1000
18
l
0001.2528
3.15
250
1)
300
160
1500
33
l
0001.2529
4
250
1)
250
130
1500
53
l
0001.2530
5
250
1)
250
110
1500
127
l
0001.2531
6.3
250
1)
250
110
1900
224
l
0001.2532
8
250
1)
200
70
1600
360
l
0001.2533
10
250
1)
200
70
2000
805
l
0001.2534
12.5
250
2)
200
70
2300
1024
 
0001.2535
16
250
2)
150
70
3800
1690
 
0001.2536
20
250
2)
150
70
4300
2670
 
0001.2537
25
150
3)
150
70
5100
1390
 
0001.2538
32
150
3)
150
70
8600
2600
 
0001.2539
1)IEC:1500A@250VAC,p.f.=0.7-0.8
1)UL:1500A@250VAC,p.f.=0.7-0.8/10kA@125VAC,p.f.=0.7-0.8
2)1000A@250VAC
3)1000A@150VAC
Packaging Unit
SmallBoxPack(10pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 4 A
_> 5 A
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Número de pieza similar - 0001.2531

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
0001.2501 SCHURTER-0001.2501 Datasheet
370Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
0001.2501 SCHURTER-0001.2501 Datasheet
385Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
08.02.2022
logo
Cherry Semiconductor Co...
0001.2501.PT CHERRY-0001.2501.PT Datasheet
438Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
logo
Schurter Inc.
0001.2501.PT SCHURTER-0001.2501.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
logo
Cherry Semiconductor Co...
0001.2501.TR CHERRY-0001.2501.TR Datasheet
438Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
More results

Descripción similar - 0001.2531

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
SPT6.3X32 SCHURTER-SPT6.3X32 Datasheet
256Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32_V01 Datasheet
186Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
29.09.2021
FST6.3X32 SCHURTER-FST6.3X32_V02 Datasheet
213Kb / 4P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
09.12.2021
00343401 SCHURTER-00343401 Datasheet
298Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32 Datasheet
234Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
00345207 SCHURTER-00345207 Datasheet
274Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
FST6.3X32UL SCHURTER-FST6.3X32UL Datasheet
244Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
FST6.3X32UL SCHURTER-FST6.3X32UL_V02 Datasheet
180Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
04.01.2022
172600 SCHURTER-172600_18 Datasheet
184Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
172600 SCHURTER-172600 Datasheet
351Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com