Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0001.2716.11 Datasheet(Hoja de datos) 1 Page - Schurter Inc.

No. de Pieza. 0001.2716.11
Descripción  Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo 

   
 1 page
background image

Non resettable fuses
SPT 5x20
www.schurter.com/pg0_2
Fuses
Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
IEC 60127-2 · 250VAC · 300VDC · Time-Lag T
Description
-IECStandardFuse
-H=HighBreakingCapacity(CeramicTube)
Standards
-IEC60127-2/5
-UL248-14
-CSAC22.2no.248.14
Approvals
-VDELicenseNumber:40014395
-ULFileNumber:E41599
Applications
-PrimaryProtectioninEquipment
-PowerSupplyAdapterfore.g.laptops
-SMPS(SwitchingModePowerSupply)forTV'sandDVD's
References
GeneralProductInformation
PigtailTypeSPT5x20Pigtail
FuseKitFuseKit5x20
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
250VAC,300VDC
RatedCurrent
0.5-16A
BreakingCapacity
500A-1500A
Characteristic
Time-LagT
AdmissibleAmbientAirTemp. -55°Cto125°C
ClimaticCategory
55/125/21acc.toIEC60068-1
Material:Tube
Ceramic
Material:Endcaps
Nickel-PlatedCopperAlloy
UnitWeight
1.16g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current,Voltage,Characteristic,
BreakingCapacity,Approvals
Dimensions
20mm
 
10
20±0.5
±0.2




Html Pages

1  2  3 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl