Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6170A Datasheet(PDF) 1 Page - Semtech Corporation

No. de pieza 1N6170A
Descripción Electrónicos  1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6170A Datasheet(HTML) 1 Page - Semtech Corporation

  1N6170A Datasheet HTML 1Page - Semtech Corporation 1N6170A Datasheet HTML 2Page - Semtech Corporation 1N6170A Datasheet HTML 3Page - Semtech Corporation 1N6170A Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.semtech.com
1N6138US thru 1N6173US
1N6139AUS thru 1N6173AUS
1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
POWER DISCRETES
Features
Revision: February 2010
Quick reference data
VBR MIN = 6.12 -180V
VRWM = 5.2 - 152V
VC (max) = 11 - 273V
I(BR) 1N6138 - 1N6173 = 5mA - 175mA
Low dynamic impedance
Hermetically sealed non-cavity construction
1500 watt peak pulse power
7.5W continuous
Electrical Specifications
Electrical specifications @ T
A = 25°C unless otherwise specified.
e
c
i
v
e
D
e
p
y
T
m
u
m
i
n
i
M
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
V
)
R
B
(
I
@
)
R
B
(
t
s
e
T
t
n
e
r
r
u
C
I
)
R
B
(
g
n
i
k
r
o
W
e
s
r
e
v
e
R
.
k
P
e
g
a
t
l
o
V
V
M
W
R
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
1
R
m
u
m
i
x
a
M
g
n
i
p
m
a
l
C
e
g
a
t
l
o
V
V
C
I
@
P
m
u
m
i
x
a
M
e
s
l
u
P
.
k
P
I
t
n
e
r
r
u
C
P
T
P
S
m
1
=
.
p
m
e
T
f
o
.
f
f
e
o
C
V
)
R
B
(
ααααα
)
Z
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
2
R
C
°
0
5
1
@
s
t
l
o
V
A
m
s
t
l
o
V
A
µ
s
t
l
o
V
s
p
m
A
C
°
/
%
A
µ
8
3
1
6
N
1
2
1
.
6
5
7
1
2
.
5
0
0
5
0
.
1
1
4
.
6
3
1
5
0
.
0
0
0
0
,
2
1
9
3
1
6
N
1
5
7
.
6
5
7
1
7
.
5
0
0
3
8
.
1
1
1
.
7
2
1
6
0
.
0
0
0
0
,
3
A
9
3
1
6
N
1
3
1
.
7
5
7
1
7
.
5
0
0
3
2
.
1
1
9
.
3
3
1
6
0
.
0
0
0
0
,
3
0
4
1
6
N
1
8
3
.
7
0
5
1
2
.
6
0
0
1
7
.
2
1
1
.
8
1
1
6
0
.
0
0
0
0
,
2
A
0
4
1
6
N
1
9
7
.
7
0
5
1
2
.
6
0
0
1
1
.
2
1
0
.
4
2
1
6
0
.
0
0
0
0
,
2
1
4
1
6
N
1
9
1
.
8
0
5
1
9
.
6
0
0
1
0
.
4
1
1
.
7
0
1
6
0
.
0
0
0
2
,
1
A
1
4
1
6
N
1
5
6
.
8
0
5
1
9
.
6
0
0
1
4
.
3
1
9
.
1
1
1
6
0
.
0
0
0
2
,
1
2
4
1
6
N
1
0
.
9
5
2
1
6
.
7
0
0
1
2
.
5
1
7
.
8
9
7
0
.
0
0
0
8
A
2
4
1
6
N
1
5
.
9
5
2
1
6
.
7
0
0
1
5
.
4
1
4
.
3
0
1
7
0
.
0
0
0
8
3
4
1
6
N
1
9
.
9
5
2
1
4
.
8
0
2
3
.
6
1
0
.
2
9
7
0
.
0
0
0
8
A
3
4
1
6
N
1
5
4
.
0
1
5
2
1
4
.
8
0
2
6
.
5
1
2
.
6
9
7
0
.
0
0
0
8
4
4
1
6
N
1
8
.
0
1
0
0
1
1
.
9
0
2
7
.
7
1
7
.
4
8
7
0
.
0
0
0
6
A
4
4
1
6
N
1
4
.
1
1
0
0
1
1
.
9
0
2
9
.
6
1
8
.
8
8
7
0
.
0
0
0
6
5
4
1
6
N
1
7
.
1
1
0
0
1
9
.
9
0
2
0
.
9
1
9
.
8
7
8
0
.
0
0
0
6
A
5
4
1
6
N
1
5
3
.
2
1
0
0
1
9
.
9
0
2
2
.
8
1
4
.
2
8
8
0
.
0
0
0
6
6
4
1
6
N
1
5
.
3
1
5
7
4
.
1
1
0
2
9
.
1
2
5
.
8
6
8
0
.
0
0
0
4
A
6
4
1
6
N
1
5
2
.
4
1
5
7
4
.
1
1
0
2
0
.
1
2
4
.
1
7
8
0
.
0
0
0
4
7
4
1
6
N
1
4
.
4
1
5
7
2
.
2
1
0
2
4
.
3
2
1
.
4
6
8
0
.
0
0
0
4
A
7
4
1
6
N
1
2
.
5
1
5
7
2
.
2
1
0
2
3
.
2
2
3
.
7
6
8
0
.
0
0
0
4
Description
These products are qualified to MIL-PRF-19500/516
and are preferred parts as listed in MIL-HDBK-5961.
They can be supplied fully released as JANTX,
JANTXV and JANS versions.


Número de pieza similar - 1N6170A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N6170A SEMTECH-1N6170A Datasheet
31Kb / 2P
   QPL 1500 Watt Axial Leaded TVS
logo
Microsemi Corporation
1N6170A MICROSEMI-1N6170A Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6170A MICROSEMI-1N6170A Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Sensitron
1N6170A SENSITRON-1N6170A Datasheet
41Kb / 3P
   Transient Voltage Suppressor Diode, 1500W
logo
Digitron Semiconductors
1N6170A DIGITRON-1N6170A Datasheet
453Kb / 3P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
More results

Descripción similar - 1N6170A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N6138US SEMTECH-1N6138US Datasheet
119Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6102US SEMTECH-1N6102US Datasheet
118Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6102US SEMTECH-1N6102US_10 Datasheet
47Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com