Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ALVCH16501DL Datasheet(PDF) 10 Page - NXP Semiconductors |
|
74ALVCH16501DL Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 18 page 74ALVCH16501_3 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 03 — 2 April 2010 10 of 18 NXP Semiconductors 74ALVCH16501 18-bit universal bus transceiver; 3-state 11. Waveforms Measurement points are given in Table 8. VOL and VOH are typical output levels that occur with the output load. Fig 6. Propagation delay, data input (An, Bn) to data output (Bn, An) 001aal734 An, Bn input Bn, An output tPHL tPLH GND VI VM VM VM VM VOH VOL Measurement points are given in Table 8. VOL and VOH are typical output levels that occur with the output load. Fig 7. 3-state output enable and disable times 001aal721 tPLZ tPHZ outputs disabled outputs enabled VY VX outputs enabled An, Bn output LOW-to-OFF OFF-to-LOW An, Bn output HIGH-to-OFF OFF-to-HIGH OEAB, OEBA input GND VI VOL VOH VCC VM VM GND tPZL tPZH VM VM |
Número de pieza similar - 74ALVCH16501DL |
|
Descripción similar - 74ALVCH16501DL |