Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4052PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4052PW
Descripción Electrónicos  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4052PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC4052PW Datasheet HTML 2Page - Texas Instruments CD74HC4052PW Datasheet HTML 3Page - Texas Instruments CD74HC4052PW Datasheet HTML 4Page - Texas Instruments CD74HC4052PW Datasheet HTML 5Page - Texas Instruments CD74HC4052PW Datasheet HTML 6Page - Texas Instruments CD74HC4052PW Datasheet HTML 7Page - Texas Instruments CD74HC4052PW Datasheet HTML 8Page - Texas Instruments CD74HC4052PW Datasheet HTML 9Page - Texas Instruments CD74HC4052PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
Absolute Maximum Ratings (Note 2)
Thermal Information
DC Supply Voltage, VCC - VEE . . . . . . . . . . . . . . . . . -0.5V to 10.5V
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
DC Supply Voltage, VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.5V to -7V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Switch Diode Current, IOK
For VI < VEE -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . .±20mA
DC Switch Current, (Note 2)
For VI > VEE -0.5V or VI < VCC + 0.5V . . . . . . . . . . . . . . . . .±25mA
DC VCC or Ground Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . .±50mA
DC VEE Current, IEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20mA
Package Thermal Impedance,
θJA (see Note 1):
E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .67oC/W
M (SOIC) Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .73oC/W
NS (SOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .64oC/W
PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . .108oC/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
NOTE:
1. The package thermal impedance is calculated in accordance with JESD 51-7.
Recommended Operating Conditions
For maximum reliability, nominal operating conditions should be selected so that
operation is always within the following ranges
PARAMETER
MIN
MAX
UNITS
Supply Voltage Range (For TA = Full Package Temperature Range), VCC (Note 2)
CD54/74HC Types
26
V
CD54/74HCT Types
4.5
5.5
V
Supply Voltage Range (For TA = Full Package Temperature Range), VCC - VEE
CD54/74HC Types, CD54/74HCT Types (See Figure 1)
2
10
V
Supply Voltage Range (For TA = Full Package Temperature Range), VEE (Note 3)
CD54/74HC Types, CD54/74HCT Types (See Figure 2)
0
-6
V
DC Input Control Voltage, VI
GND
VCC
V
Analog Switch I/O Voltage, VIS
VEE
VCC
V
Operating Temperature, TA
-55
125
oC
Input Rise and Fall Times, tr, tf
2V
0
1000
ns
4.5V
0
500
ns
6V
0
400
ns
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2. All voltages referenced to GND unless otherwise specified.
.
3. In certain applications, the external load resistor current may include both VCC and signal line components. To avoid drawing VCC current
when switch current flows into the transmission gate inputs, the voltage drop across the bidirectional switch must not exceed 0.6V (cal-
culated from rON values shown in Electrical Specifications table). No VCC current will flow through RL if the switch current flows into
terminal 3 on the HC/HCT4051; terminals 3 and 13 on the HC/HCT4052; terminals 4, 14 and 15 on the HC/HCT4053.
Recommended Operating Area as a Function of Supply Voltages
FIGURE 1.
FIGURE 2.
HCT
VCC - VEE (V)
8
6
4
2
0
0
2468
10
12
HC
HCT
VEE - GND (V)
8
6
4
2
0
0-2
-4
-6
-8
HC
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053


Número de pieza similar - CD74HC4052PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4052PW TI-CD74HC4052PW Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PW TI-CD74HC4052PW Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PW TI-CD74HC4052PW Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PW TI-CD74HC4052PW Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PW TI-CD74HC4052PW Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

Descripción similar - CD74HC4052PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351_08 Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com