Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4052PWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4052PWR
Descripción Electrónicos  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4052PWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74HC4052PWR Datasheet HTML 6Page - Texas Instruments CD74HC4052PWR Datasheet HTML 7Page - Texas Instruments CD74HC4052PWR Datasheet HTML 8Page - Texas Instruments CD74HC4052PWR Datasheet HTML 9Page - Texas Instruments CD74HC4052PWR Datasheet HTML 10Page - Texas Instruments CD74HC4052PWR Datasheet HTML 11Page - Texas Instruments CD74HC4052PWR Datasheet HTML 12Page - Texas Instruments CD74HC4052PWR Datasheet HTML 13Page - Texas Instruments CD74HC4052PWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
Maximum Switch
Turn “On” Delay
from S or E to
Switch Output
tPZL, tPZH
4051
0
2
-
225
-
-
-
280
-
-
-
340
-
-
ns
0
4.5
-
45
-
55
-
56
-
69
-
68
-
83
ns
0
6
-
38
---
48
---
57
--
ns
-4.5
4.5
-
32
-
39
-
40
-
49
-
48
-
59
ns
4052
0
2
-
325
-
-
-
405
-
-
-
490
-
-
ns
0
4.5
-65-70
-81-68
-98-
105
ns
0
6
-
55
---
69
---
83
--
ns
-4.5
4.5
-
46
-
48
-
58
-
60
-
69
-
72
ns
4053
0
2
-
220
-
-
-
275
-
-
-
330
-
-
ns
0
4.5
-44-48
-55-60
-66-72
ns
0
6
-
37
---
47
---
56
--
ns
-4.5
4.5
-
31
-
34
-
39
-
43
-
47
-
51
ns
Input (Control)
Capacitance, CI
-
-
-
10
-
10
-
10
-
10
-
10
-
10
pF
Analog Channel Specifications Typical Values at TA = 25oC
PARAMETER
TEST CONDITIONS
HC/HCT
TYPES
VEE
(V)
VCC
(V)
HC/
HCT
UNITS
Switch Input Capacitance, CI
All
-
-
5
pF
Common Output Capacitance, CCOM
4051
-
-
25
pF
4052
-
-
12
pF
4053
-
-
8
pF
Minimum Switch Frequency Response at -3dB, fMAX
(Figures 12, 14, 16)
See Figure 3 (Notes 7, 8)
4051
-2.25
2.25
145
MHz
4052
165
MHz
4053
200
MHz
4051
-4.5
4.5
180
MHz
4052
185
MHz
4053
200
MHz
Switching Specifications CL = 50pF, Input tr, tr = 6ns (Continued)
PARAMETER
VEE
(V)
VCC
(V)
AMBIENT TEMPERATURE, TA
UNITS
25oC-40oC - 85oC-55oC - 125oC
HC
HCT
HC
HCT
HC
HCT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053


Número de pieza similar - CD74HC4052PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4052PWR TI-CD74HC4052PWR Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWR TI-CD74HC4052PWR Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWR TI-CD74HC4052PWR Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWR TI-CD74HC4052PWR Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWR TI-CD74HC4052PWR Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

Descripción similar - CD74HC4052PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351_08 Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com