Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4052PWT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4052PWT
Descripción Electrónicos  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4052PWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HC4052PWT Datasheet HTML 4Page - Texas Instruments CD74HC4052PWT Datasheet HTML 5Page - Texas Instruments CD74HC4052PWT Datasheet HTML 6Page - Texas Instruments CD74HC4052PWT Datasheet HTML 7Page - Texas Instruments CD74HC4052PWT Datasheet HTML 8Page - Texas Instruments CD74HC4052PWT Datasheet HTML 9Page - Texas Instruments CD74HC4052PWT Datasheet HTML 10Page - Texas Instruments CD74HC4052PWT Datasheet HTML 11Page - Texas Instruments CD74HC4052PWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
HCT TYPES
High Level Input Voltage,
VIH
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input Voltage,
VIL
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
On Resistance, rON
IO = 1mA, (Figure 15)
VCC or VEE
VIL or
VIH
0
4.5
-
70
160
-
200
-
240
Ω
-
-
-
-
-
----
Ω
-4.5
4.5
-
40
120
-
150
-
180
Ω
VCC to VEE
0
4.5
-
90
180
-
225
-
270
Ω
-
-
-
-
-
----
Ω
-4.5
4.5
-
45
130
-
162
-
195
Ω
Maximum On Resistance
Between any Two
Channels,
ΔrON
0
4.5
-
10
-
----
Ω
-
-
-
-
-
----
Ω
-4.5
4.5
-
5
-
----
Ω
Switch On/Off Leakage
Current, IIZ
For Switch Off:
When VIS =VCC,
VOS = VEE;
When VIS =VEE,
VOS = VCC
For Switch On:
All Applicable
Combinations of
VIS and VOS
Voltage Levels
VIL or
VIH
1 and 2 Channels
0
6
-
-
±0.1
-
±1-
±1
μA
4053
-5
5
-
-
±0.1
-
±1-
±1
μA
4 Channels
0
6
-
-
±0.1
-
±1-
±1
μA
4052
-5
5
-
-
±0.2
-
±2-
±2
μA
8 Channels
0
6
-
-
±0.2
-
±2-
±2
μA
4051
-5
5
-
-
±0.4
-
±4-
±4
μA
Control Input Leakage
Current, IIL
-
(Note 4)
-
5.5
-
-
±0.1
-
±1-
±1
μA
Quiescent Device
Current, ICC
IO = 0
When VIS =VEE,
VOS = VCC
VCC or
GND
05.5
-
-
8
-
80
-
160
μA
When VIS =VCC,
VOS = VEE
-4.5
5.5
-
-
16
-
160
-
320
μA
Additional Quiescent
Device Current
Per Input Pin: 1 Unit
Load
ΔICC
(Note 5)
VCC -
2.1
4.5 to
5.5
-
100
360
-
450
-
490
μA
NOTES:
4. Any voltage between VCC and GND.
5. For dual supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
TEST CONDITIONS
AMBIENT TEMPERATURE, TA
UNITS
VIS
(V)
VI
(V)
VEE
(V)
VCC
(V)
25oC-40oC - 85oC-55oC - 125oC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
TYPE
INPUT
UNIT LOADS
(NOTE)
4051, 4053
All
0.5
4052
All
0.4
NOTE: Unit load is
ΔICC limit specified in DC Specifications table,
e.g., 360mA max. at 25oC.
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053


Número de pieza similar - CD74HC4052PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4052PWT TI-CD74HC4052PWT Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWT TI-CD74HC4052PWT Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWT TI-CD74HC4052PWT Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWT TI-CD74HC4052PWT Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWT TI-CD74HC4052PWT Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

Descripción similar - CD74HC4052PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351_08 Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com