Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4052PWT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4052PWT
Descripción Electrónicos  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4052PWT Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD74HC4052PWT Datasheet HTML 7Page - Texas Instruments CD74HC4052PWT Datasheet HTML 8Page - Texas Instruments CD74HC4052PWT Datasheet HTML 9Page - Texas Instruments CD74HC4052PWT Datasheet HTML 10Page - Texas Instruments CD74HC4052PWT Datasheet HTML 11Page - Texas Instruments CD74HC4052PWT Datasheet HTML 12Page - Texas Instruments CD74HC4052PWT Datasheet HTML 13Page - Texas Instruments CD74HC4052PWT Datasheet HTML 14Page - Texas Instruments CD74HC4052PWT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
Crosstalk Between any Two Switches (Note 10)
See Figure 4
(Notes 8, 9)
4051
-2.25
2.25
N/A
dB
4052
(TBE)
dB
4053
(TBE)
dB
4051
-4.5
4.5
N/A
dB
4052
(TBE)
dB
4053
(TBE)
dB
Sinewave Distortion
See Figure 5
All
-2.25
2.25
0.035
%
All
-4.5
4.5
0.018
%
E or S to Switch Feedthrough Noise
See Figure 6
(Notes 8, 9)
4051
-2.25
2.25
(TBE)
mV
4052
mV
4053
mV
4051
-4.5
4.5
(TBE)
mV
4052
mV
4053
mV
Switch “OFF” Signal Feedthrough (Figures 13, 15, 17)
See Figure 7
(Notes 8, 9)
4051
-2.25
2.25
-73
dB
4052
-65
dB
4053
-64
dB
4051
-4.5
4.5
-75
dB
4052
-67
dB
4053
-66
dB
NOTES:
7. Adjust input voltage to obtain 0dBm at VOS for fIN = 1MHz.
8. VIS is centered at (VCC - VEE)/2.
9. Adjust input for 0dBm.
10. Not applicable for HC/HCT4051.
Analog Channel Specifications Typical Values at TA = 25oC
PARAMETER
TEST CONDITIONS
HC/HCT
TYPES
VEE
(V)
VCC
(V)
HC/
HCT
UNITS
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053


Número de pieza similar - CD74HC4052PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4052PWT TI-CD74HC4052PWT Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWT TI-CD74HC4052PWT Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWT TI-CD74HC4052PWT Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWT TI-CD74HC4052PWT Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWT TI-CD74HC4052PWT Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

Descripción similar - CD74HC4052PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351_08 Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com