Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4053M Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4053M
Descripción Electrónicos  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4053M Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74HC4053M Datasheet HTML 5Page - Texas Instruments CD74HC4053M Datasheet HTML 6Page - Texas Instruments CD74HC4053M Datasheet HTML 7Page - Texas Instruments CD74HC4053M Datasheet HTML 8Page - Texas Instruments CD74HC4053M Datasheet HTML 9Page - Texas Instruments CD74HC4053M Datasheet HTML 10Page - Texas Instruments CD74HC4053M Datasheet HTML 11Page - Texas Instruments CD74HC4053M Datasheet HTML 12Page - Texas Instruments CD74HC4053M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
Switching Specifications VCC = 5V, TA = 25oC, Input tr, tr = 6ns
PARAMETER
CL
(pF)
TYPICAL
UNITS
4051
4052
4053
HC
HCT
HC
HCT
HC
HCT
Propagation Delay
Switch IN to OUT, tPHL, tPLH
15
444444
ns
Switch Turn-Off (S or E), tPHZ, tPLZ
15
19
19
21
21
18
18
ns
Switch Turn-On (S or E), tPZH, tPZL
15
19
23
27
29
18
20
ns
Power Dissipation Capacitance, CPD (Note 6)
-
50
52
74
76
38
42
pF
NOTE:
6. CPD is used to determine the dynamic power consumption, per package.
PD = CPD VCC2 fI + ∑ (CL + CS) VCC2 fO
fO = output frequency
fI = input frequency
CL = output load capacitance
CS = switch capacitance
VCC = supply voltage
Switching Specifications CL = 50pF, Input tr, tr = 6ns
PARAMETER
VEE
(V)
VCC
(V)
AMBIENT TEMPERATURE, TA
UNITS
25oC-40oC - 85oC-55oC - 125oC
HC
HCT
HC
HCT
HC
HCT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Propagation Delay, Switch
In to Out, tPLH, tPHL
0
2
-
60
---
75
---
90
--
ns
0
4.5
-
12
-
12
-
15
-
15
-
18
-
18
ns
0
6
-
10
---
13
---
15
--
ns
-4.5
4.5
-
8
-
8
-
10
-
10
-
12
-
12
ns
Maximum Switch
Turn “Off” Delay
from S or E to
Switch Output
tPHZ, tPLZ
4051
0
2
-
225
-
-
-
280
-
-
-
340
-
-
ns
0
4.5
-
45
-
45
-
56
-
56
-
68
-
68
ns
0
6
-
38
---
48
---
57
--
ns
-4.5
4.5
-
32
-
32
-
40
-
40
-
48
-
48
ns
4052
0
2
-
250
-
-
-
315
-
-
-
375
-
-
ns
0
4.5
-
50
-
50
-
63
-
63
-
75
-
75
ns
0
6
-
43
---
54
---
65
--
ns
-4.5
4.5
-
38
-
38
-
48
-
48
-
57
-
57
ns
4053
0
2
-
210
-
-
-
265
-
-
-
315
-
-
ns
0
4.5
-42-44
-53-55
-63-66
ns
0
6
-
36
---
45
---
54
--
ns
-4.5
4.5
-
29
-
31
-
36
-
39
-
44
-
47
ns
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053


Número de pieza similar - CD74HC4053M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4053M TI-CD74HC4053M Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4053M TI-CD74HC4053M Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4053M TI-CD74HC4053M Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4053M TI-CD74HC4053M Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4053M TI-CD74HC4053M Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

Descripción similar - CD74HC4053M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351_08 Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com