Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4052M96G4 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
CD74HC4052M96G4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 31 page 1 Data sheet acquired from Harris Semiconductor SCHS122I Features • Wide Analog Input Voltage Range . . . . . . . . . . ±5V Max • Low “On” Resistance -70 Ω Typical (VCC - VEE = 4.5V) -40 Ω Typical (VCC - VEE = 9V) • Low Crosstalk between Switches • Fast Switching and Propagation Speeds • “Break-Before-Make” Switching • Wide Operating Temperature Range . . -55oC to 125oC • CD54HC/CD74HC Types - Operation Control Voltage . . . . . . . . . . . . . . 2V to 6V - Switch Voltage . . . . . . . . . . . . . . . . . . . . . . . 0V to 10V - High Noise Immunity . . . NIL = 30%, NIH = 30% of VCC, VCC = 5V • CD54HCT/CD74HCT Types - Operation Control Voltage . . . . . . . . . . . 4.5V to 5.5V - Switch Voltage . . . . . . . . . . . . . . . . . . . . . . . 0V to 10V - Direct LSTTL Input Logic Compatibility . . . VIL = 0.8V Max, VIH = 2V Min - CMOS Input Compatibility . . . . . II ≤ 1μA at VOL, VOH Description These devices are digitally controlled analog switches which utilize silicon gate CMOS technology to achieve operating speeds similar to LSTTL with the low power consumption of standard CMOS integrated circuits. These analog multiplexers/demultiplexers control analog voltages that may vary across the voltage supply range (i.e. VCC to VEE). They are bidirectional switches thus allowing any analog input to be used as an output and vice-versa. The switches have low “on” resistance and low “off” leak- ages. In addition, all three devices have an enable control which, when high, disables all switches to their “off” state. Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC4051F3A -55 to 125 16 Ld CERDIP CD54HC4052F3A -55 to 125 16 Ld CERDIP CD54HC4053F3A -55 to 125 16 Ld CERDIP CD54HCT4051F3A -55 to 125 16 Ld CERDIP CD74HC4051E -55 to 125 16 Ld PDIP CD74HC4051M -55 to 125 16 Ld SOIC CD74HC4051MT -55 to 125 16 Ld SOIC CD74HC4051M96 -55 to 125 16 Ld SOIC CD74HC4051NSR -55 to 125 16 Ld SOP CD74HC4051PWR -55 to 125 16 Ld TSSOP CD74HC4051PWT -55 to 125 16 Ld TSSOP CD74HC4052E -55 to 125 16 Ld PDIP CD74HC4052M -55 to 125 16 Ld SOIC CD74HC4052MT -55 to 125 16 Ld SOIC CD74HC4052M96 -55 to 125 16 Ld SOIC CD74HC4052NSR -55 to 125 16 Ld SOP CD74HC4052PW -55 to 125 16 Ld TSSOP CD74HC4052PWR -55 to 125 16 Ld TSSOP CD74HC4052PWT -55 to 125 16 Ld TSSOP CD74HC4053E -55 to 125 16 Ld PDIP CD74HC4053M -55 to 125 16 Ld SOIC CD74HC4053MT -55 to 125 16 Ld SOIC CD74HC4053M96 -55 to 125 16 Ld SOIC CD74HC4053NSR -55 to 125 16 Ld SOP CD74HC4053PW -55 to 125 16 Ld TSSOP CD74HC4053PWR -55 to 125 16 Ld TSSOP CD74HC4053PWT -55 to 125 16 Ld TSSOP CD74HCT4051E -55 to 125 16 Ld PDIP CD74HCT4051M -55 to 125 16 Ld SOIC CD74HCT4051MT -55 to 125 16 Ld SOIC CD74HCT4051M96 -55 to 125 16 Ld SOIC CD74HCT4052E -55 to 125 16 Ld PDIP CD74HCT4052M -55 to 125 16 Ld SOIC CD74HCT4052MT -55 to 125 16 Ld SOIC CD74HCT4052M96 -55 to 125 16 Ld SOIC CD74HCT4053E -55 to 125 16 Ld PDIP CD74HCT4053M -55 to 125 16 Ld SOIC CD74HCT4053MT -55 to 125 16 Ld SOIC CD74HCT4053M96 -55 to 125 16 Ld SOIC CD74HCT4053PWR -55 to 125 16 Ld TSSOP CD74HCT4053PWT -55 to 125 16 Ld TSSOP NOTE: When ordering, use the entire part number. The suffixes 96 and R denote tape and reel. The suffix T denotes a small-quantity reel of 250. Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2004, Texas Instruments Incorporated CD54/74HC4051, CD54/74HCT4051, CD54/74HC4052, CD74HCT4052, CD54/74HC4053, CD74HCT4053 High-Speed CMOS Logic Analog Multiplexers/Demultiplexers [ /Title (CD54 HC405 1, CD74 HC405 1, CD74 HCT40 51, CD74 HC405 2, November 1997 - Revised July 2004 |
Número de pieza similar - CD74HC4052M96G4 |
|
Descripción similar - CD74HC4052M96G4 |