Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA-PLCC028-Z-J-T-01 Datasheet(PDF) 1 Page - Ironwood Electronics.

No. de pieza CA-PLCC028-Z-J-T-01
Descripción Electrónicos  Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRONWOOD [Ironwood Electronics.]
Página de inicio  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-PLCC028-Z-J-T-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CA-PLCC028-Z-J-T-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description:Carrier adaptor;
2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
1.500"
1.500"
0.822"
1.294"Assembled
0.218"
0.125"
0.018"±0.001"dia.typ.
0.050"
0.017"
Side View
Top View
© 1994 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
Pins: Material- Brass Alloy 360 1/2 hard; finish- 10µ"
Au over 50µ" Ni (min.).
2
Leads: material- BeCu Alloy 194; plating- 80/20 SnPb.
Substrate: 0.0625"±0.007" FR4/G10 or equivalent high
temp material. 1/2 oz. Cu clad. SnPb plating
Test points: material- Phosphor Bronze; plating- Sn
over 50µ" Ni. Gold flash on contact end.
5
4
1
2
5
4
1
0.442"
0.206"
0.372"
Date: 8/17/94
CA-PLCC028-Z-J-T-01 DRAWING
Rev: D
Status: Released
File: PCA-PLCC028-Z-J-T-01 DWG
Scale: 2:1
Drawing: M. Lund
All tolerances: ±0.005" (unless stated otherwise). Materials and specifications are subject to change without notice.
Modified: 7/31/98


Número de pieza similar - CA-PLCC028-Z-J-T-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
CA-PLCC020-Z-P-T-01 IRONWOOD-CA-PLCC020-Z-P-T-01 Datasheet
23Kb / 1P
   Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to male PLCC plug.
More results

Descripción similar - CA-PLCC028-Z-J-T-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
CA-PLCC20-Z-J-T-01 IRONWOOD-CA-PLCC20-Z-J-T-01 Datasheet
23Kb / 1P
   PLCC Carrier Adaptor 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC052-Z-J-T-01 IRONWOOD-CA-PLCC052-Z-J-T-01 Datasheet
30Kb / 1P
   Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC044-Z-C-T-01 IRONWOOD-CA-PLCC044-Z-C-T-01 Datasheet
27Kb / 1P
   Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC044-Z-J-T-01 IRONWOOD-CA-PLCC044-Z-J-T-01 Datasheet
28Kb / 1P
   Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC084-Z-J-T-01 IRONWOOD-CA-PLCC084-Z-J-T-01 Datasheet
28Kb / 1P
   Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC068-Z-J-T-01 IRONWOOD-CA-PLCC068-Z-J-T-01 Datasheet
28Kb / 1P
   Carrier Adaptor 2 piece pluggable adaptor, PLCC ZIF socket with test probe to surface mountable PLCC emulator foot.
CA-PLCC044-Z-P-T-01 IRONWOOD-CA-PLCC044-Z-P-T-01 Datasheet
28Kb / 1P
   Carrier adaptor, 2 piece pluggable adaptor, PLCC ZIF socket with test probes to male PLCC plug.
CA-PLCC068-Z-P-T-01 IRONWOOD-CA-PLCC068-Z-P-T-01 Datasheet
29Kb / 1P
   CARRIER ADAPTOR 2 piece pluggable adaptor, PLCC ZIF socket with test probes to male PLCC plug.
CA-PLCC020-Z-P-T-01 IRONWOOD-CA-PLCC020-Z-P-T-01 Datasheet
23Kb / 1P
   Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to male PLCC plug.
CA-PLCC32-Z-P-T-01 IRONWOOD-CA-PLCC32-Z-P-T-01 Datasheet
39Kb / 1P
   PLCC Carier Adaptor 32 position PLCC socket with test probes to pluggable PLCC emulator foot.
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com