Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK30651000 Datasheet(PDF) 2 Page - Rohm

No. de pieza 2SK30651000
Descripción Electrónicos  Small switching (60V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

2SK30651000 Datasheet(HTML) 2 Page - Rohm

  2SK30651000 Datasheet HTML 1Page - Rohm 2SK30651000 Datasheet HTML 2Page - Rohm 2SK30651000 Datasheet HTML 3Page - Rohm 2SK30651000 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK3065
Transistors
!Packaging specifications
T100
1000
2SK3065
Type
Package
Code
Basic ordering unit
(pieces)
Taping
!Electrical characteristic curves
0
25
50
75
100
125
150
175
0
1
2
3
AMBIENT TEMPERATURE : Ta(
°C)
When mounted on a 40 x 40 x 0.7 mm
aluminum-ceramic board.
Fig.1
Total Power Dissipation vs.
Case Temperature
100
µs
1ms
Pw
=10ms
DC OPERATION
0.1
1
10
100
0.001
0.1
1
10
DRAIN-SOURCE VOLTAGE : VDS(V)
0.01
Operating in this
area is limited by
RDS(on)
Ta=25
°C
Single Pulsed
Fig.2
Maximum Safe Operating Area
05
10
0
1
2
DRAIN-SOURCE VOLTAGE : VDS
(V)
VGS=1.5V
2V
4V
3.5V
3V
2.5V
Ta=25
°C
Pulsed
Fig.3
Typical Output Characteristics
05
4
0.1
1
10
GATE THRESHOLD VOLTAGE : VGS(th)(V)
3
2
1
Ta=
−25°C
25
°C
75
°C
125
°C
VDS=10V
Pulsed
Fig.4
Typical Transfer Characteristics
−50
150
100
0
1
4
CHANNEL TEMPERATURE : Tch(
°C)
50
25
0
2
3
−25
75
125
10mA
ID=1mA
VDS=10V
Fig.5
Gate Threshold Voltage vs.
Channel Temperature
0.01
10
0.1
10
DRAIN CURRENT : ID
(A)
0.1
1
1
Ta=125
°C
75
°C
25
°C
−25°C
VGS
=4V
Pulsed
Fig.6
Static Drain-Source On-
State Resistance vs.
Drain Current(
Ι)


Número de pieza similar - 2SK30651000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SK3065 KEXIN-2SK3065 Datasheet
45Kb / 1P
   Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
2SK3065 VBSEMI-2SK3065 Datasheet
1,019Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Descripción similar - 2SK30651000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SK2094 ROHM-2SK2094 Datasheet
127Kb / 4P
   Small switching (60V, 2A)
2SK2463 ROHM-2SK2463 Datasheet
137Kb / 4P
   Small switching (60V, 2A)
RSR020N06HZG ROHM-RSR020N06HZG Datasheet
2Mb / 14P
   Nch 60V 2A Small Signal MOSFET
2SK2103 ROHM-2SK2103 Datasheet
127Kb / 4P
   Small switching (30V, 2A)
2SK3050 ROHM-2SK3050 Datasheet
98Kb / 5P
   Small switching (600V, 2A)
2SK2503 ROHM-2SK2503 Datasheet
135Kb / 4P
   Small switching (60V, 5A)
RK3055E ROHM-RK3055E Datasheet
135Kb / 4P
   Small switching (60V, 8A)
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
   Power transistor (-60V, -2A)
2SC5880 ROHM-2SC5880 Datasheet
79Kb / 4P
   Power transistor (60V, 2A)
2SC5880 ROHM-2SC5880_1 Datasheet
97Kb / 4P
   Power transistor (60V, 2A)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com