Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK30651000 Datasheet(PDF) 1 Page - Rohm

No. de pieza 2SK30651000
Descripción Electrónicos  Small switching (60V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

2SK30651000 Datasheet(HTML) 1 Page - Rohm

  2SK30651000 Datasheet HTML 1Page - Rohm 2SK30651000 Datasheet HTML 2Page - Rohm 2SK30651000 Datasheet HTML 3Page - Rohm 2SK30651000 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SK3065
Transistors
Small switching (60V, 2A)
2SK3065
!Features
1) Low on resistance.
2) High-speed switching.
3) Optimum for a pocket resource etc. because of
undervoltage actuation (2.5V actuation).
4) Driving circuit is easy.
5) Easy to use parallel.
6) It is strong to an electrostatic discharge.
!Structure
Silicon N-channel
!External dimensions
(Units : mm)
ROHM : MPT3
EIAJ : SC-62
(1) Gate
(2) Drain
(3) Source
−0.05
+0.1
+0.2
−0.1
(3)
(2)
(1)
3.0
±0.2
1.5
±0.1
1.5
±0.1
0.4
±0.1
0.5
±0.1
0.4
±0.1
0.4
1.5
±0.1
4.5
1.6
±0.1
Abbreviated symbol : KE
MOS FET transistor
!Absolute maximum ratings
(Ta = 25
°C)
Parameter
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation(Tc=25
°C)
Channel temperature
Storage temperature
VDSS
VGSS
IDR
PD
Tch
60
V
V
A
A
W
°C
±20
2
ID
IDRP∗1
A
IDP∗1
Continuous
Pulsed
Continuous
Pulsed
A
8
2
8
150
Tstg
°C
−55∼+150
Symbol
Limits
Unit
∗1 Pw ≤ 10µs, Duty cycle ≤ 1%
∗2 When mounted on a 40 × 40 × 0.7 mm alumina board.
Reverse drain
current
2∗2
0.5
!Internal equivalent circuit
Drain
Source
Gate
∗Gate
Protection
Diode
∗ A protection diode has been built in between the
gate and the source to protect against static
electricity when the product is in use.
Use the protection circuit when rated voltages are
exceeded.
!Electrical characteristics
(Ta = 25
°C)
Parameter
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Test Conditions
VGS
= 0V
f
= 1MHz
VDS
= 10V
VGS
= 4V
ID
= 1A, VDD
30V
RL
= 30Ω
RG
= 10Ω
µA
pF
S
Unit
V
µA
V
pF
pF
ns
ns
ns
ns
ID
= 1A, VGS = 4V
60
0.8
1.5
Min.
160
−−
0.25
Typ.
85
25
20
50
120
70
0.35
±10
10
1.5
0.32
Max.
0.45
ID
= 1A, VGS = 2.5V
ID
= 1A, VDS = 10V
ID
= 1mA, VGS = 0V
VGS
= ±20V, VDS = 0V
VDS
= 60V, VGS = 0V
VDS
= 10V, ID = 1mA
IGSS
IDSS
Yfs∗
Ciss
Symbol
Coss
Crss
tr
tf
V(BR)DSS
VGS(th)
RDS(on)
RDS(on)
td(on)
td(off)
Pw ≤ 300µs, Duty cycle ≤ 1%
Static drain-source on-state
resistance


Número de pieza similar - 2SK30651000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SK3065 KEXIN-2SK3065 Datasheet
45Kb / 1P
   Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
2SK3065 VBSEMI-2SK3065 Datasheet
1,019Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Descripción similar - 2SK30651000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SK2094 ROHM-2SK2094 Datasheet
127Kb / 4P
   Small switching (60V, 2A)
2SK2463 ROHM-2SK2463 Datasheet
137Kb / 4P
   Small switching (60V, 2A)
RSR020N06HZG ROHM-RSR020N06HZG Datasheet
2Mb / 14P
   Nch 60V 2A Small Signal MOSFET
2SK2103 ROHM-2SK2103 Datasheet
127Kb / 4P
   Small switching (30V, 2A)
2SK3050 ROHM-2SK3050 Datasheet
98Kb / 5P
   Small switching (600V, 2A)
2SK2503 ROHM-2SK2503 Datasheet
135Kb / 4P
   Small switching (60V, 5A)
RK3055E ROHM-RK3055E Datasheet
135Kb / 4P
   Small switching (60V, 8A)
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
   Power transistor (-60V, -2A)
2SC5880 ROHM-2SC5880 Datasheet
79Kb / 4P
   Power transistor (60V, 2A)
2SC5880 ROHM-2SC5880_1 Datasheet
97Kb / 4P
   Power transistor (60V, 2A)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com