Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA3960 Datasheet(PDF) 2 Page - Rohm

No. de pieza BA3960
Descripción Electrónicos  Dual circuit, variable output voltage regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA3960 Datasheet(HTML) 2 Page - Rohm

  BA3960 Datasheet HTML 1Page - Rohm BA3960 Datasheet HTML 2Page - Rohm BA3960 Datasheet HTML 3Page - Rohm BA3960 Datasheet HTML 4Page - Rohm BA3960 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
137
Regulator ICs
BA3960
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions
FElectrical characteristics
(unless otherwise noted, Ta = 25
_C, VCC = 12.0V, ACTIVE 1 : IO = 640mA, ACTIVE 2 : IO = 400mA
and R12, R22=3.9k
Ω)


Número de pieza similar - BA3960

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BA3960 ETC2-BA3960 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Descripción similar - BA3960

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M5230L MITSUBISHI-M5230L Datasheet
258Kb / 7P
   VARIABLE OUTPUT VOLTAGE REGULATOR(DUAL TRACKING TYPE)
logo
NTE Electronics
NTE7090 NTE-NTE7090 Datasheet
20Kb / 2P
   Variable Output Voltage Regulator (Dual Tracking Type)
logo
Mitsubishi Electric Sem...
M5231TL MITSUBISHI-M5231TL Datasheet
176Kb / 6P
   VARIABLE OUTPUT VOLTAGE REGULATOR
logo
Rohm
BA00BC0WFPWT ROHM-BA00BC0WFPWT Datasheet
142Kb / 2P
   Low Voltage Variable Output LDO Regulator
logo
Intersil Corporation
CA1523 INTERSIL-CA1523_00 Datasheet
176Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
CA1523 INTERSIL-CA1523 Datasheet
59Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
logo
NTE Electronics
NTE1869 NTE-NTE1869 Datasheet
24Kb / 2P
   Integrated Circuit 3 Terminal Variable Voltage Regulator
logo
Sharp Corporation
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
   Variable Output Low Power-Loss Voltage Regulator
logo
Panasonic Semiconductor
AN6531 PANASONIC-AN6531 Datasheet
95Kb / 5P
   4-pin variable positive output voltage regulator
logo
Sharp Corporation
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
   Variable Output Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com