Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA6162 Datasheet(PDF) 8 Page - Rohm

No. de pieza BA6162
Descripción Electrónicos  Reset IC with battery backup function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA6162 Datasheet(HTML) 8 Page - Rohm

  BA6162 Datasheet HTML 1Page - Rohm BA6162 Datasheet HTML 2Page - Rohm BA6162 Datasheet HTML 3Page - Rohm BA6162 Datasheet HTML 4Page - Rohm BA6162 Datasheet HTML 5Page - Rohm BA6162 Datasheet HTML 6Page - Rohm BA6162 Datasheet HTML 7Page - Rohm BA6162 Datasheet HTML 8Page - Rohm BA6162 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Memory ICs
BA6129AF / BA6162 / BA6162F
10
9
8
7
6
5
4
3
2
1
0123456789
10
VBAT = 3V
RRES = 10k
VRES = VCC
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 4 CS output voltage vs.
power supply voltage
10
9
8
7
6
5
4
3
2
1
0123456789
10
VBAT = 3V
RRES = 10k
VRES = VCC
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 5 CSB output voltage vs.
power supply voltage
10
9
8
7
6
5
4
3
2
1
0123456789
10
RRES = 10k
VRES = VCC
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 6 Reset output voltage vs.
power supply voltage
10
9
8
7
6
5
4
3
2
1
0123456789
10
VBAT = 3V
RO = 200k
RRES = 10k
VRES = VCC
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 7 Output voltage vs. power
supply voltage
OUTPUT CURRENT: IO (mA)
Fig. 8 Output voltage vs. output
current (!) (when power
supply is detected)
0
20406080
100
4.8
4.2
4.4
4.6
5.0
VCC = 5V
VBAT = 3V
RRES = 10k
VRES = VCC
0
50
100
150
200
250
2.9
2.8
2.7
2.6
VCC = GND
VBAT = 3V
VRES = VCC
RRES = 10k
OUTPUT CURRENT: IO (
µA)
Fig. 9 Output voltage vs. output
current (@) (when using
battery backup)
VBAT = 3V
RRES = 10k
VRES = VCC
10
9
8
7
6
5
4
3
2
1
0123456789
10
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 10 CS output voltage vs.
power supply voltage
VBAT = 3V
RRES = 10k
VRES = VCC
9
8
7
6
5
4
3
2
1
0123456789
10
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 11 CSB output voltage vs.
power supply voltage
10
9
8
7
6
5
4
3
2
1
0123456789
10
RRES = 10k
VRES = VCC
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 12 Reset output voltage vs.
power supply voltage
Electrical characteristic curves (BA6129AF)
Electrical characteristic curves (BA6162 / F)


Número de pieza similar - BA6162

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6161 ROHM-BA6161 Datasheet
81Kb / 5P
   Switching regulator for electronic tuning
BA6161F ROHM-BA6161F Datasheet
81Kb / 5P
   Switching regulator for electronic tuning
logo
List of Unclassifed Man...
BA6161F ETC2-BA6161F Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BA6161N ROHM-BA6161N Datasheet
81Kb / 5P
   Switching regulator for electronic tuning
More results

Descripción similar - BA6162

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsumi Electronics, Co...
MM1134 MITSUMI-MM1134 Datasheet
94Kb / 8P
   IC for System Reset (battery backup)
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
   Battery Backup IC
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com