Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA7184S Datasheet(PDF) 8 Page - Rohm

No. de pieza BA7184S
Descripción Electrónicos  4-channel PRE / REC amplifier with auto-tracking interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA7184S Datasheet(HTML) 8 Page - Rohm

  BA7184S Datasheet HTML 1Page - Rohm BA7184S Datasheet HTML 2Page - Rohm BA7184S Datasheet HTML 3Page - Rohm BA7184S Datasheet HTML 4Page - Rohm BA7184S Datasheet HTML 5Page - Rohm BA7184S Datasheet HTML 6Page - Rohm BA7184S Datasheet HTML 7Page - Rohm BA7184S Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Video ICs
BA7184S
123456789
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PRE
PRE
ENVE
PRE
PRE
ENVE
RF
DET
PEAK
ENVE
LOGIC
COMP
MUTE
REC
AGC
SP
EP
DET
33k
REC Y IN
REC C IN
AB
AB
EP HEAD
AT ENVE
GAIN
VCC
AGC
SP HEAD
VCC 5V
EP ‘‘H’’
Fig. 3
C [F]
L [H]
Units: R [
Ω]
+
Application example
SDIP24
0.3 ± 0.1
7.62
22.9
± 0.3
0.5
± 0.1
1.778
13
12
24
1
0
°
~ 15°
External dimensions (Units: mm)


Número de pieza similar - BA7184S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA718 ROHM-BA718 Datasheet
187Kb / 3P
   Dual Operational Amplifiers
BA7180 ROHM-BA7180 Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AFS ROHM-BA7180AFS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AS ROHM-BA7180AS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7181 ROHM-BA7181 Datasheet
95Kb / 8P
   2-channel PRE / REC amplifier with auto-tracking interface
More results

Descripción similar - BA7184S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7182AS ROHM-BA7182AS Datasheet
100Kb / 9P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7181FS ROHM-BA7181FS Datasheet
95Kb / 8P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AS ROHM-BA7180AS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7274S ROHM-BA7274S Datasheet
127Kb / 6P
   4-channel video-signal PRE/REC amplifier
BH7272KV ROHM-BH7272KV Datasheet
185Kb / 14P
   Two-channel VCR PRE / REC amplifier for Digital VCRs
logo
Unisonic Technologies
TA7784P UTC-TA7784P Datasheet
206Kb / 4P
   DUAL PRE-AMPLIFIER FOR AUTO-REVERSE
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
logo
New Japan Radio
NJM2067 NJRC-NJM2067 Datasheet
156Kb / 4P
   3V AUTO-REVERSE DUAL PRE-AMPLIFIER
logo
Toshiba Semiconductor
TA1250F TOSHIBA-TA1250F Datasheet
325Kb / 9P
   4-CHANNEL RECORDING AMPLIFIER & PRE-AMPLIFIER FOR VCR
logo
Sony Corporation
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com