Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA7357S Datasheet(PDF) 5 Page - Rohm

No. de pieza BA7357S
Descripción Electrónicos  VIF / SIF signal processor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA7357S Datasheet(HTML) 5 Page - Rohm

  BA7357S Datasheet HTML 1Page - Rohm BA7357S Datasheet HTML 2Page - Rohm BA7357S Datasheet HTML 3Page - Rohm BA7357S Datasheet HTML 4Page - Rohm BA7357S Datasheet HTML 5Page - Rohm BA7357S Datasheet HTML 6Page - Rohm BA7357S Datasheet HTML 7Page - Rohm BA7357S Datasheet HTML 8Page - Rohm BA7357S Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Video ICs
BA7357S
7
VIFA
6
VIFB
IN
4.2V
8
GND2
0V
IN
6.6V
2.7V
5.2V
9
SIF
10
AFC
11
VO4.5M
Standard voltage
IN / OUT
Video IF input.
Use with balanced input.
SIF and PLL GND.
Audio IF input.
Can set to intercarrier mode by
pulling down via a 2k
Ω resistor.
Terminal for holding the audio
output DC level fixed.
Connect to GND via a 4.7
µF
capacitor and to Vreg via a 10
µF
capacitor to reduce BUZZ.
Set this pin to 0.3V or lower to
apply Audio / Video Mute.
2nd SIF output.
Connect a Trap to this pin to vary
the Sound Filter characteristics.
The internal impedance is a high
(Approximately) 1k
Ω, so connect a
Buffer to output.
Pin name
Pin No.
Function
Equivalent circuit
5
7
VCC
GND
1k
1k
1k
5.3k
5.3k
9
20k
15k
15k
17pF
VCC
GND
10
3.5V
40k
VCC
GND
11
VCC
GND
Sound
Filter
8k


Número de pieza similar - BA7357S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7356 ROHM-BA7356 Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
BA7356S ROHM-BA7356S Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
BA7358S ROHM-BA7358S Datasheet
250Kb / 15P
   VIF/SIF signal processor
More results

Descripción similar - BA7357S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7358S ROHM-BA7358S Datasheet
250Kb / 15P
   VIF/SIF signal processor
BA7356 ROHM-BA7356 Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LA7545 SANYO-LA7545 Datasheet
253Kb / 11P
   VTR/TV IF Signal Processor (VIFSIF)
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
logo
Panasonic Semiconductor
AN5160NK PANASONIC-AN5160NK Datasheet
184Kb / 3P
   VIF SIF VIDEO COLOR AND SYNCHRONOUS SIGNAL PROCESSOR IC
AN5170K PANASONIC-AN5170K Datasheet
21Kb / 1P
   VIF/SIF signal processor IC for TV and VCR
AN5177NK PANASONIC-AN5177NK Datasheet
50Kb / 4P
   VIF/SIF Signal Processor IC for TV and VCR
logo
Sanyo Semicon Device
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com