Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA7657S Datasheet(PDF) 5 Page - Rohm

No. de pieza BA7657S
Descripción Electrónicos  Input selector switch for high definition displays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA7657S Datasheet(HTML) 5 Page - Rohm

  BA7657S Datasheet HTML 1Page - Rohm BA7657S Datasheet HTML 2Page - Rohm BA7657S Datasheet HTML 3Page - Rohm BA7657S Datasheet HTML 4Page - Rohm BA7657S Datasheet HTML 5Page - Rohm BA7657S Datasheet HTML 6Page - Rohm BA7657S Datasheet HTML 7Page - Rohm BA7657S Datasheet HTML 8Page - Rohm BA7657S Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Multimedia ICs
BA7657F / BA7657S
Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement circuit
Maximum output level
Vom
——
VP-P
f = 1kHz
Fig.1
Voltage gain
GV
– 1.0
– 0.5
0
dB
f = 1MHz, VIN = 1VP-P
Fig.1
Input pin voltage gain deviation
∆GVI
– 0.2
0
0.2
dB
f = 1MHz, VIN = 1VP-P
Fig.1
Block voltage gain deviation
∆GVB
– 0.2
0
0.2
dB
f = 1MHz, VIN = 1VP-P
Fig.1
Input pin crosstalk 1
CTI1
– 50
– 40
dB
f = 10MHz, VIN = 1VP-P
Fig.2
Block crosstalk 1
CTB1
– 50
– 40
dB
f = 10MHz, VIN = 1VP-P
Fig.2
〈Digital switch unit〉
Input high level voltage
〈Analog switch unit〉
1.8
V
Fig.1
Input low level voltage
1.2
V
Fig.1
Input high level current
80
100
130
µAVIN = 5.0V
Fig.1
Input low level current
µAVIN = 0V
Fig.1
Rise time
TR
30
50
ns
Fig.1
Fall time
30
50
ns
Fig.1
Rise delay time
50
80
ns
Fig.1
Fall delay time
30
50
ns
Fig.1
Output high level voltage
3.0
3.7
V
Fig.1
Output low level voltage
0.2
0.4
V
Fig.1
Output high level current
– 3
– 1
– 400
——
µA
Fig.1
Output low level current
5
mA
Fig.1
〈SYNC separation unit〉
Minimum SYNC
separation level
VSMin.
—mVP-P
Fig.1
Output high level voltage
4.5
5.0
V
Fig.1
Output low level voltage
0.2
0.5
V
Fig.1
Output low level current
2
mA
Fig.1
Rise time
TR
80
130
ns
Fig.1
Fall time
TF
30
80
ns
Fig.1
Rising delay time
TRD
100
150
ns
Fig.1
Fall delay time
TFD
100
150
ns
Fig.1
〈Control unit〉
Output high level voltage
1.8
V
Fig.1
Output low level voltage
1.2
V
Fig.1
Output high level current
80
100
130
µAVIN = 5.0V
Fig.1
Output low level current
µAVIN = 0V
Fig.1
VIH
VIL
IIH
IIL
TF
TRD
TFD
VOH
VOL
IOH
IOL
VOH
VOL
IOL
VIH
VIL
IIH
IIL
Quiescent current
ICC
20
35
50
mA
Fig.1
2.8
50
– 3
– 1
– 50


Número de pieza similar - BA7657S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7657S ROHM-BA7657S Datasheet
211Kb / 6P
   Broadband Triple Circuits Video Signal Switchers
BA7657S ROHM-BA7657S Datasheet
817Kb / 17P
   Broadband Triple Circuits Video Signal Switchers
More results

Descripción similar - BA7657S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7658AFS ROHM-BA7658AFS Datasheet
163Kb / 13P
   Input selector switch for high definition displays
BH7659S ROHM-BH7659S Datasheet
130Kb / 13P
   Input selector for high resolution displays
BA7078AF ROHM-BA7078AF Datasheet
166Kb / 13P
   Synchronization signal processor for high definition displays
logo
STMicroelectronics
HD1520FX STMICROELECTRONICS-HD1520FX Datasheet
260Kb / 8P
   HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION CRT DISPLAYS
logo
Unisonic Technologies
2SC3468 UTC-2SC3468 Datasheet
130Kb / 3P
   HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
logo
STMicroelectronics
HD1750FX STMICROELECTRONICS-HD1750FX Datasheet
187Kb / 8P
   HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION AND NEW SUPER-SLIM CRT DISPLAYS
logo
Mitsubishi Electric Sem...
M52321SP MITSUBISHI-M52321SP Datasheet
604Kb / 18P
   3 CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNTION FOR HIGH DEFINITION COLOR DISPLAYS
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
   SELECTOR SWITCH
Aug 15, 2019
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
   Selector switch
logo
Littelfuse
MDSR-4 LITTELFUSE-MDSR-4 Datasheet
47Kb / 1P
   SEE REED SWITCH CATALOG FOR DEFINITION OF TERMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com